Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8138ARZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8138ARZ-R7
Description  Low Distortion, Differential ADC Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8138ARZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8138ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 9Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 10Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 11Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 12Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 13Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 14Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 15Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Data Sheet
AD8138
Rev. G | Page 11 of 24
–90
–100
–110
–70
–80
–60
VS =5V
VOUT, dm =2V p-p
HD2 (F = 20MHz)
HD3 (F = 20MHz)
HD2 (F = 5MHz)
HD3 (F = 5MHz)
RLOAD (Ω)
200
600
1000
1400
1800
Figure 17. Harmonic Distortion vs. RLOAD
–90
–100
–110
–70
–80
–60
–120
200
600
1000
1400
1800
RLOAD (Ω)
HD3 (F = 5MHz)
HD2 (F = 5MHz)
HD3 (F = 20MHz)
HD2 (F = 20MHz)
VS =±5V
VOUT, dm =2V p-p
Figure 18. Harmonic Distortion vs. RLOAD
FREQUENCY (MHz)
–50
–90
–110
–70
–30
–10
10
49.5
49.7
49.9
50.1
50.3
50.5
FC =50MHz
VS =±5V
Figure 19. Intermodulation Distortion
FREQUENCY (MHz)
30
25
35
40
45
RL =800Ω
VS =+5V
VS =±5V
020
40
60
80
Figure 20. Third-Order Intercept vs. Frequency
VS =±5V
VOUT, dm
VOUT+
VOUT–
V+DIN
5ns
1V
Figure 21. Large Signal Transient Response
VOUT, dm =0.2Vp-p
VS =±5V
CF =0pF
CF =1pF
5ns
40mV
Figure 22. Small Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com