Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8420ARMZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8420ARMZ-R7
Description  Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8420ARMZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8420ARMZ-R7 Datasheet HTML 1Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 2Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 3Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 4Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
AD8420
Data Sheet
Rev. A | Page 4 of 26
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
GAIN2
G = 1 + (R2/R1)
Gain Range
1
1000
V/V
Gain Error
G = 1
VOUT = 0.1 V to 1.1 V, VREF = 0.1 V
0.02
%
G = 10 to 1000
VOUT = 0.2 V to 4.8 V
0.05
0.1
%
Gain vs. Temperature
TA = −40°C to +85°C
10
ppm/°C
OUTPUT
Output Swing
VS = 5 V, RL = 10 kΩ to midsupply
VS = ±5 V, RL = 20 kΩ to ground
TA = +25°C
−VS + 0.1
+VS − 0.15
V
TA = +85°C
−VS + 0.1
+VS − 0.2
V
TA = −40°C
−VS + 0.1
+VS − 0.15
V
Short-Circuit Current
10
mA
POWER SUPPLY
Operating Range
Single-supply operation3
2.7
36
V
Quiescent Current
VS = 5 V
TA = +25°C
55
70
90
μA
TA = +85°C
110
μA
TA = −40°C
75
μA
TEMPERATURE RANGE
Specified
−40
+85
°C
Operational4
−40
+125
°C
1 The input stage uses PNP transistors; therefore, input bias current always flows out of the device.
2 For G > 1, errors from External Resistor R1 and External Resistor R2 should be considered in addition to these specifications, including error from FB pin bias current.
3 Minimum supply voltage indicated for V+IN, V−IN, and VREF = 0 V.
4 See the Typical Performance Characteristics section for operation between 85°C and 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com