Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8420ARMZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8420ARMZ-R7
Description  Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8420ARMZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8420ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Data Sheet
AD8420
Rev. A | Page 13 of 26
70
–30
–20
–10
0
10
20
30
40
50
60
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS = 2.7V
GAIN = 1000
GAIN = 100
GAIN = 10
GAIN = 1
Figure 27. Gain vs. Frequency, 2.7 V Single Supply
140
120
0
20
40
60
80
100
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
GAIN = 1000
GAIN = 100
GAIN = 10
GAIN = 1
BANDWIDTH
LIMIT
VS = ±15V
Figure 28. CMRR vs. Frequency, RTI, VS = ±15 V
140
120
0
20
40
60
80
100
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
GAIN = 1000
GAIN = 100
GAIN = 10
GAIN = 1
VS = ±15V
Figure 29. CMRR vs. Frequency, RTI, 1 kΩ Source Imbalance, VS = ±15 V
120
0
20
40
60
80
100
01.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
DIFFERENTIAL INPUT VOLTAGE (V)
VS = ±15V
VCM = ±10V
Figure 30. CMRR vs. Differential Input Voltage
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
20
30
40
50
60
70
80
90
100
110
120
VS = 5V
Figure 31. Supply Current vs. Temperature, VS = +5 V
30
0
250
200
150
100
50
0
–50
5
10
15
20
25
–40
125
110
95
80
65
50
35
20
5
–10
–25
TEMPERATURE (°C)
OFFSET CURRENT
–IN BIAS CURRENT
+IN BIAS CURRENT
Figure 32. Input Bias Current and Input Offset Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com