Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8420ARMZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8420ARMZ-R7
Description  Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8420ARMZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8420ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
AD8420
Data Sheet
Rev. A | Page 12 of 26
40
35
30
25
20
15
10
5
–2.0
0
3.0
2.5
2.0
1.5
1.0
0.5
COMMON-MODE VOLTAGE (V)
+2.7V
IBIAS (+IN)
IBIAS (–IN)
–0.2V
Figure 21. Input Bias Current vs. Common-Mode Voltage
400
–400
–300
–200
–100
0
100
200
300
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
DIFFERENTIAL INPUT VOLTAGE (V)
IBIAS (+IN)
IBIAS (–IN)
SPECIFIED
PERFORMANCE RANGE
Figure 22. Input Bias Current vs. Differential Input Voltage, VS = ±15
100
0
20
40
60
80
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
GAIN = 1000
BANDWIDTH
LIMIT
GAIN = 100
GAIN = 10
GAIN = 1
Figure 23. PSRR vs. Frequency on 5 V Supply
120
0
20
40
60
80
100
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
GAIN = 1000
BANDWIDTH
LIMIT
GAIN = 100
GAIN = 10
GAIN = 1
VS = ±15V
Figure 24. Positive PSRR vs. Frequency, RTI, VS = ±15 V
120
0
20
40
60
80
100
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
GAIN = 1000
GAIN = 100
GAIN = 10
GAIN = 1
BANDWIDTH
LIMIT
VS = ±15V
Figure 25. Negative PSRR vs. Frequency, RTI, VS = ±15 V
70
–30
–20
–10
0
10
20
30
40
50
60
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS = ±15V
GAIN = 1000
GAIN = 100
GAIN = 10
GAIN = 1
Figure 26. Gain vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com