Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8420ARMZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8420ARMZ-R7
Description  Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8420ARMZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8420ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 18Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
AD8420
Data Sheet
Rev. A | Page 14 of 26
30
0
200
150
100
50
0
–50
–100
5
10
15
20
25
–40
125
110
95
80
65
50
35
20
5
–10
–25
TEMPERATURE (°C)
OFFSET CURRENT
–IN BIAS CURRENT
+IN BIAS CURRENT
Figure 33. FB, REF Bias Current and FB, REF Offset Current vs. Temperature
1000
–1000
–800
–600
–400
–200
0
200
400
600
800
–40
80
65
50
35
20
5
–10
–25
TEMPERATURE (°C)
PART A
VIN = ±1V
VS = ±15V
PART B
REPRESENTATIVE DATA
NORMALIZED TO 25ºC
Figure 34. Gain Error vs. Temperature, G = 1, VIN = ±1 V, VS = ±15 V
1000
–1000
–800
–600
–400
–200
0
200
400
600
800
–40
80
65
50
35
20
5
–10
–25
TEMPERATURE (°C)
PART A
VIN = ±0.1V
VS = ±15V
PART B
REPRESENTATIVE DATA
NORMALIZED TO 25ºC
Figure 35. Gain Error vs. Temperature, G = 1, VIN = ±0.1 V, VS = ±15 V
400
–400
–300
–200
–100
0
100
200
300
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
NORMALIZED TO 25°C
Figure 36. Offset Drift
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
–4
5
4
3
2
1
0
–1
–2
–3
PART A: 0.024ppm/°C
PART B: 0.038ppm/°C
REPRESENTATIVE DATA
NORMALIZED AT 25°C
VS = ±15V
Figure 37. CMRR vs. Temperature, G = 1, VS = ±15 V
+VS
–VS
+0.3
+0.2
+0.1
–0.3
–0.2
–0.1
218
16
14
12
10
8
6
4
SUPPLY VOLTAGE (±VS)
RL = 20kΩ
–40°C
+25°C
+85°C
+125°C
Figure 38. Output Voltage Swing vs. Supply Voltage, RL = 20 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com