Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8420ARMZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8420ARMZ-R7
Description  Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8420ARMZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8420ARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 18Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 19Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 20Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 21Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 22Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 23Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 24Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
AD8420
Data Sheet
Rev. A | Page 20 of 26
GAIN ACCURACY
Unlike most instrumentation amplifiers, the relative match of
the two gain setting resistors determines the gain accuracy of
the AD8420 rather than a single resistor. For example, if two
resistors have exactly the same absolute error, there is no error
in gain. Conversely, two 1% resistors can cause approximately 2%
maximum gain error at high gains. Temperature coefficient
mismatch of the gain setting resistors increases the gain drift of
the instrumentation amplifier circuit, according to the gain
equation. Because these external resistors do not have to match
any on-chip resistors, resistors with good TC tracking can
achieve excellent gain drift. Even with standard thin film
resistors, the AD8420 can still achieve better gain drift than
most instrumentation amplifiers.
When the differential voltage at the inputs approaches the
differential input limit, the diodes start to conduct, limiting the
voltage seen by the inputs of amplifier gm1. This can look like
increased gain error at large differential inputs. Performance of the
AD8420 is specified for ±1 V differential from −40°C to +85°C.
However, at higher temperatures, the reduced forward voltage of
the diodes limits the differential input to a smaller voltage.
Figure 60 tracks 1% error across the operating temperature
range to show the effect of temperature on the input limit.
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
POSITIVE VOLTAGE
NEGATIVE VOLTAGE
VS = ±15V
Figure 60. Differential Input Limit vs. Temperature
INPUT VOLTAGE RANGE
The allowed input range of the AD8420 is much simpler than
traditional architectures. For the transfer function of the AD8420
to be valid, the input voltage should follow two rules:
Keep the differential input voltage within ±1 V.
Keep the voltage on the +IN, −IN, REF, and FB pins in the
specified input voltage range.
Because the output swing is completely independent of the
input common-mode voltage, there are no hexagonal figures
or complicated formulas to follow, and no limitation for the
output swing the amplifier has for input signals with changing
common mode.
INPUT PROTECTION
The current into the AD8420 inputs is limited internally. This
ensures that the diodes that limit the differential voltage seen by
the internal amplifier do not draw excessive current when they
turn on. The device can handle large differential input voltages,
regardless of the amount of gain applied, without damage. As a
result, the AD8420 inputs are protected from voltages beyond
the positive rail. If voltages beyond the negative rail are expected,
external protection must be used.
Keep all of the AD8420 terminals within the voltage range specified
in the Absolute Maximum Ratings section. All terminals of the
AD8420 are protected against ESD.
Input Voltages Beyond the Rails
For applications that require protection beyond the negative rail,
one option is to use an external resistor in series with each input
to limit current during overload conditions. In this case, size the
resistors to limit the current into the AD8420 to 6 mA.
RPROTECT ≥ (Negative Supply − VIN)/6 mA
Although the AD8420 inputs must still be kept within the −VS +
40 V limitation, the I × R drop across the protection resistor
increases the protection on the positive side to approximately
(40 V + Negative Supply) + 300 μA × RPROTECT
An alternate protection method is to place diodes at the AD8420
inputs to limit voltage and resistors in series with the inputs to
limit the current into these diodes. To keep input bias current at
a minimum for normal operation, use low leakage diode clamps,
such as the BAV199. The AD8420 also combines well with TVS
diodes, such as the PTVSxS1UR.
SIMPLE METHOD
ALTERNATE METHOD
AD8420
RPROTECT
RPROTECT
RPROTECT
RPROTECT
VIN+
+
–
VIN–
VIN+
VIN–
+
–
+VS
AD8420
–VS
+VS
–VS
+VS
–VS
+VS
–VS
I
+
–
+
–
Figure 61. Protection for Voltages Beyond the Rails
Large Differential Input Voltage
The AD8420 is able to handle large differential input voltage
without damage to the device. Refer to Figure 9, Figure 10,
Figure 11, and Figure 12 for overvoltage performance. The
AD8420 differential voltage is internally limited with diodes to
±1 V. If this limit is exceeded, the diodes start to conduct and
draw current, as shown in Figure 22. This current is limited
internally to a value that is safe for the AD8420, but if the input
current cannot be tolerated in the system, place resistors in
series with each input with the following value:
MAX
DIFF
PROTECT
I
V
R
V
1
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com