Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8420ARMZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8420ARMZ-R7
Description  Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8420ARMZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8420ARMZ-R7 Datasheet HTML 2Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 3Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 4Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Data Sheet
AD8420
Rev. A | Page 5 of 26
+VS = +15 V, −VS = −15 V, VREF = 0 V, TA = 25°C, G = 1 to 1000, RL = 20 kΩ, specifications referred to input, unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
COMMON-MODE REJECTION RATIO (CMRR)
VCM = −10 V to +10 V
CMRR DC to 60 Hz
92
dB
CMRR at 1 kHz
92
dB
NOISE
Voltage Noise
Spectral Density
f = 1 kHz, VDIFF ≤ 100 mV
55
nV/√Hz
Peak to Peak
f = 0.1 Hz to 10 Hz, VDIFF ≤ 100 mV
1.5
μV p-p
Current Noise
Spectral Density
f = 1 kHz
80
fA/√Hz
Peak to Peak
f = 0.1 Hz to 10 Hz
3
pA p-p
VOLTAGE OFFSET
Offset
VS = ±15 V1
250
μV
Average Temperature Coefficient
TA = −40°C to +85°C
1
μV/°C
Offset RTI vs. Supply (PSR)
VS = ±15 V
100
dB
INPUTS
Valid for REF and FB pair, as well
as +IN and −IN
Input Bias Current2
TA = +25°C
20
27
nA
TA = +85°C
24
nA
TA = −40°C
30
nA
Average Temperature Coefficient
TA = −40°C to +85°C
30
pA/°C
Input Offset Current
TA = +25°C
1
nA
TA = +85°C
1
nA
TA = −40°C
1
nA
Average Temperature Coefficient
TA = −40°C to +85°C
0.5
pA/°C
Input Impedance
Differential
130||3
MΩ||pF
Common Mode
1000||3
MΩ||pF
Differential Input Operating Voltage
TA = −40°C to +85°C
−1
1
V
Input Operating Voltage (+IN, −IN, REF, or FB)
TA = +25°C
−VS − 0.15
+VS − 2.2
V
TA = +85°C
−VS − 0.05
+VS − 1.8
V
TA = −40°C
−VS − 0.2
+VS − 2.7
V
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
G = 1
250
kHz
G = 10
25
kHz
G = 100
2.5
kHz
G =1000
0.25
kHz
Settling Time 0.01%
G = 1
−1 V to +1 V output step
3
μs
G = 10
−5 V to +5 V output step
130
μs
G = 100
−5 V to +5 V output step
1
ms
Slew Rate
1
V/μs
GAIN3
G = 1 + (R2/R1)
Gain Range
1
1000
V/V
Gain Error
G = 1
VOUT = ±1 V
0.02
%
G = 10 to 1000
VOUT = ±10 V
0.05
0.1
%
Gain vs. Temperature
TA = −40°C to +85°C
10
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com