Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8420ARMZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8420ARMZ-R7
Description  Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8420ARMZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8420ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 18Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 19Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 20Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
AD8420
Data Sheet
Rev. A | Page 16 of 26
1k
100
10
1
10
100
100k
10k
1k
FREQUENCY (Hz)
Figure 45. Current Noise Spectral Density vs. Frequency
1.5pA/DIV
1s/DIV
Figure 46. 0.1 Hz to 10 Hz Current Noise
30
0
3
6
9
12
15
18
21
24
27
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS = ±15V, G = 15V/V
VS = +5V, G = 5V/V
Figure 47. Large Signal Frequency Response
0.02%/DIV
1V/DIV
20µs/DIV
VS = ±5V
1.78µs TO 0.1%
3.31µs TO 0.01%
Figure 48. Large Signal Pulse Response and Settling Time, G = 1
0.02%/DIV
4.5V/DIV
200µs/DIV
VS = ±5V
67µs TO 0.1%
138µs TO 0.01%
Figure 49. Large Signal Pulse Response and Settling Time, G = 10
0.02%/DIV
4.5V/DIV
20ms/DIV
VS = ±5V
600ms TO 0.1%
1.04ms TO 0.01%
Figure 50. Large Signal Pulse Response and Settling Time, G = 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com