Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM628 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM628
Description  Precision Motion Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM628 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM628 Datasheet HTML 1Page - National Semiconductor (TI) LM628 Datasheet HTML 2Page - National Semiconductor (TI) LM628 Datasheet HTML 3Page - National Semiconductor (TI) LM628 Datasheet HTML 4Page - National Semiconductor (TI) LM628 Datasheet HTML 5Page - National Semiconductor (TI) LM628 Datasheet HTML 6Page - National Semiconductor (TI) LM628 Datasheet HTML 7Page - National Semiconductor (TI) LM628 Datasheet HTML 8Page - National Semiconductor (TI) LM628 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Voltage at Any Pin with
Respect to GND
−0.3V to +7.0V
Ambient Storage Temperature
−65˚C to +150˚C
Lead Temperature
28-pin Dual In-Line
Package (Soldering, 4 sec.)
260˚C
24-pin Surface Mount
Package (Soldering, 10 sec.)
300˚C
Maximum Power Dissipation
(T
A ≤ 85˚C, (Note 2)
605 mW
ESD Tolerance
(C
ZAP = 120 pF, RZAP = 1.5k)
2000V
Operating Ratings
Temperature Range
−40˚C < T
A < +85˚C
Clock Frequency:
LM628N-6, LM629N-6,
LM629M-6
1.0 MHz < f
CLK < 6.0 MHz
LM628N-8, LM629N-8,
LM629M-8
1.0 MHz < f
CLK < 8.0 MHz
V
DD Range
4.5V < V
DD < 5.5V
DC Electrical Characteristics
(V
DD and TA per Operating Ratings; fCLK = 6 MHz)
Symbol
Parameter
Conditions
Tested Limits
Units
Min
Max
I
DD
Supply Current
Outputs Open
110
mA
INPUT VOLTAGES
V
IH
Logic 1 Input Voltage
2.0
V
V
IL
Logic 0 Input Voltage
0.8
V
I
IN
Input Currents
0
≤ V
IN ≤ VDD
−10
10
µA
OUTPUT VOLTAGES
V
OH
Logic 1
I
OH = −1.6 mA
2.4
V
V
OL
Logic 0
I
OL = 1.6 mA
0.4
V
I
OUT
TRI-STATE® Output Leakage Current
0
≤ V
OUT ≤ VDD
−10
10
µA
AC Electrical Characteristics
(V
DD and TA per Operating Ratings; fCLK = 6 MHz; CLOAD = 50 pF; Input Test Signal tr = tf = 10 ns)
Timing Interval
T#
Tested Limits
Units
Min
Max
ENCODER AND INDEX TIMING (See
Figure 2)
Motor-Phase Pulse Width
T1
µs
Dwell-Time per State
T2
µs
Index Pulse Setup and Hold
T3
0
µs
(Relative to A and B Low)
CLOCK AND RESET TIMING (See
Figure 3)
Clock Pulse Width
LM628N-6, LM629N-6, LM629M-6
T4
78
ns
LM628N-8, LM629N-8, LM629M-8
T4
57
ns
Clock Period
LM628N-6, LM629N-6, LM629M-6
T5
166
ns
LM628N-8, LM629N-8, LM629M-8
T5
125
ns
Reset Pulse Width
T6
µs
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com