Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM628 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM628
Description  Precision Motion Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM628 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM628 Datasheet HTML 1Page - National Semiconductor (TI) LM628 Datasheet HTML 2Page - National Semiconductor (TI) LM628 Datasheet HTML 3Page - National Semiconductor (TI) LM628 Datasheet HTML 4Page - National Semiconductor (TI) LM628 Datasheet HTML 5Page - National Semiconductor (TI) LM628 Datasheet HTML 6Page - National Semiconductor (TI) LM628 Datasheet HTML 7Page - National Semiconductor (TI) LM628 Datasheet HTML 8Page - National Semiconductor (TI) LM628 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM628/LM629
Precision Motion Controller
General Description
The LM628/LM629 are dedicated motion-control processors
designed for use with a variety of DC and brushless DC
servo motors, and other servomechanisms which provide a
quadrature incremental position feedback signal. The parts
perform the intensive, real-time computational tasks required
for high performance digital motion control. The host control
software interface is facilitated by a high-level command set.
The LM628 has an 8-bit output which can drive either an
8-bit or a 12-bit DAC. The components required to build a
servo system are reduced to the DC motor/actuator, an in-
cremental encoder, a DAC, a power amplifier, and the
LM628. An LM629-based system is similar, except that it
provides an 8-bit PWM output for directly driving H-switches.
The parts are fabricated in NMOS and packaged in a 28-pin
dual in-line package or a 24-pin surface mount package
(LM629 only). Both 6 MHz and 8 MHz maximum frequency
versions are available with the suffixes -6 and -8, respec-
tively, used to designate the versions. They incorporate an
SDA core processor and cells designed by SDA.
Features
n 32-bit position, velocity, and acceleration registers
n Programmable digital PID filter with 16-bit coefficients
n Programmable derivative sampling interval
n 8- or 12-bit DAC output data (LM628)
n 8-bit sign-magnitude PWM output data (LM629)
n Internal trapezoidal velocity profile generator
n Velocity, target position, and filter parameters may be
changed during motion
n Position and velocity modes of operation
n Real-time programmable host interrupts
n 8-bit parallel asynchronous host interface
n Quadrature incremental encoder interface with index
pulse input
n Available in a 28-pin dual in-line package or a 24-pin
surface mount package (LM629 only)
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS009219-1
FIGURE 1. Block Diagram
November 1999
© 1999 National Semiconductor Corporation
DS009219
www.national.com


Similar Part No. - LM628

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM628 TI-LM628 Datasheet
1Mb / 35P
LM628/LM629 Precision Motion Controller
LM628 TI2-LM628 Datasheet
936Kb / 36P
LM628/LM629 Precision Motion Controller
REVISED MARCH 2013
LM628N-6 TI1-LM628N-6 Datasheet
1Mb / 35P
LM628/LM629 Precision Motion Controller
LM628N-6 TI-LM628N-6 Datasheet
1Mb / 35P
LM628/LM629 Precision Motion Controller
LM628N-6/NOPB TI1-LM628N-6/NOPB Datasheet
1Mb / 35P
LM628/LM629 Precision Motion Controller
More results

Similar Description - LM628

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PCI-7390 NI-PCI-7390 Datasheet
593Kb / 5P
4-Axis Position (Pulse) Command Motion Controller
logo
Texas Instruments
LM628N-6 TI1-LM628N-6 Datasheet
1Mb / 35P
LM628/LM629 Precision Motion Controller
LM628N-6 TI-LM628N-6 Datasheet
1Mb / 35P
LM628/LM629 Precision Motion Controller
logo
List of Unclassifed Man...
SV7-S-AF ETC2-SV7-S-AF Datasheet
207Kb / 4P
Motion Controller Compatible Servo Drive
logo
TRINAMIC Motion Control...
TMC4210 TRINAMIC-TMC4210 Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
logo
Adlink Technology Inc.
PCI-8102 ADLINK-PCI-8102 Datasheet
448Kb / 1P
Advanced 2-axis Servo & Stepper Motion Controller
logo
Contec Co., Ltd
SMC-4DL-PE CONTEC-SMC-4DL-PE Datasheet
686Kb / 6P
Motion Controller Board for PCI Express
logo
Schneider Electric
TM262M15MESS8T SCHNEIDER-TM262M15MESS8T Datasheet
370Kb / 13P
Motion Controller M262, 5ns/ instruction, , Ethernet, Sercos
Apr 6, 2022
logo
Advantech Co., Ltd.
AMAX-3110 ADVANTECH-AMAX-3110 Datasheet
423Kb / 2P
Standalone 6-axis pulse train motion controller
14-May-2020
logo
New Scale Technologies,...
M3-L NEWSCALE-M3-L Datasheet
273Kb / 2P
Smart Module for Precision Motion
01-13-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com