Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM628 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM628
Description  Precision Motion Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM628 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM628 Datasheet HTML 5Page - National Semiconductor (TI) LM628 Datasheet HTML 6Page - National Semiconductor (TI) LM628 Datasheet HTML 7Page - National Semiconductor (TI) LM628 Datasheet HTML 8Page - National Semiconductor (TI) LM628 Datasheet HTML 9Page - National Semiconductor (TI) LM628 Datasheet HTML 10Page - National Semiconductor (TI) LM628 Datasheet HTML 11Page - National Semiconductor (TI) LM628 Datasheet HTML 12Page - National Semiconductor (TI) LM628 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Theory of Operation (Continued)
TABLE 1. System Specifications Summary (Continued)
Feedback Device
Incremental Encoder (quadrature signals; support for index pulse)
Control Algorithm
Proportional Integral Derivative (PID) (plus programmable integration limit)
Sample Intervals
Derivative Term: Programmable from 2048/f
CLK to (2048 * 256)/fCLK in steps of 2048/fCLK (256
to 65,536 µs for an 8.0 MHz clock).
Proportional and Integral: 2048/f
CLK
VELOCITY PROFILE (TRAJECTORY) GENERATION
The trapezoidal velocity profile generator computes the de-
sired position of the motor versus time. In the position mode
of operation, the host processor specifies acceleration, maxi-
mum velocity, and final position. The LM628 uses this infor-
mation to affect the move by accelerating as specified until
the maximum velocity is reached or until deceleration must
begin to stop at the specified final position. The deceleration
rate is equal to the acceleration rate. At any time during the
move the maximum velocity and/or the target position may
be changed, and the motor will accelerate or decelerate ac-
cordingly.
Figure 10 illustrates two typical trapezoidal veloc-
ity profiles.
Figure 10(a) shows a simple trapezoid, while Fig-
ure 10(b) is an example of what the trajectory looks like
when velocity and position are changed at different times
during the move.
When operating in the velocity mode, the motor accelerates
to the specified velocity at the specified acceleration rate and
maintains the specified velocity until commanded to stop.
The velocity is maintained by advancing the desired position
at a constant rate. If there are disturbances to the motion
during velocity mode operation, the long-time average veloc-
ity remains constant. If the motor is unable to maintain the
specified velocity (which could be caused by a locked rotor,
for example), the desired position will continue to be in-
creased, resulting in a very large position error. If this condi-
DS009219-11
FIGURE 9. Quadrature Encoder Signals
DS009219-12
FIGURE 10. Typical Velocity Profiles
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com