Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM628 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM628
Description  Precision Motion Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM628 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM628 Datasheet HTML 11Page - National Semiconductor (TI) LM628 Datasheet HTML 12Page - National Semiconductor (TI) LM628 Datasheet HTML 13Page - National Semiconductor (TI) LM628 Datasheet HTML 14Page - National Semiconductor (TI) LM628 Datasheet HTML 15Page - National Semiconductor (TI) LM628 Datasheet HTML 16Page - National Semiconductor (TI) LM628 Datasheet HTML 17Page - National Semiconductor (TI) LM628 Datasheet HTML 18Page - National Semiconductor (TI) LM628 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Filter Control Commands (Continued)
Executable During Motion: Yes
The UDF command is used to update the filter parameters,
the specifics of which have been programmed via the LFIL
command. Any or all parameters (derivative-term sampling
interval, kp, ki, kd, and/or il) may be changed by the appro-
priate command(s), but command UDF must be executed to
affect the change in filter tuning. Filter updating is synchro-
nized with the calculations to eliminate erratic or spurious
behavior.
Trajectory Control Commands
The following two LM628 user commands are used for set-
ting the trajectory control parameters (position, velocity, ac-
celeration), mode of operation (position or velocity), and di-
rection (velocity mode only) as required to describe a
desired motion or to select the mode of a manually directed
stop, and to control the timing of these system changes.
LTRJ COMMAND: Load TRaJectory Parameters
Command Code:
1F Hex
Data Bytes:
Two to Fourteen
Data Ranges…
Trajectory Control
Word:
See Text
Position:
C0000000 to 3FFFFFFF Hex
Velocity:
00000000 to 3FFFFFFF Hex
(Pos Only)
Acceleration:
00000000 to 3FFFFFFF Hex
(Pos Only)
Executable During
Motion:
Conditionally, See Text
TABLE 5. Derivative-Term Sampling Interval Selection Codes
Bit Position
Selected Derivative
15
14
13
12
11
10
9
8
Sampling Interval
000000
0
0
256 µs
000000
0
1
512 µs
000000
1
0
768 µs
000000
1
1
1024 µs, etc…
thru
111111
1
1
65,536 µs
Note 8: Sampling intervals shown are when using an 8.0 MHz clock. The 256 corresponds to 2048/8 MHz; sample intervals must be scaled for other clock frequen-
cies.
The trajectory control parameters which are written to the
LM628 to control motion are: acceleration, velocity, and po-
sition. In addition, indications as to whether these three pa-
rameters are to be considered as absolute or relative inputs,
selection of velocity mode and direction, and manual stop-
ping mode selection and execution are programmable via
this command. After writing the command code, the first two
data bytes that are written specify which parameter(s) is/are
being changed. The first byte written is the more significant.
Thus the two data bytes constitute a trajectory control word
that informs the LM628 as to the nature and number of any
following data bytes. See
Table 6.
TABLE 6. Trajectory Control Word Bit Allocation
Bit Position
Function
Bit 15
Not Used
Bit 14
Not Used
Bit 13
Not Used
Bit 12
Forward Direction (Velocity Mode Only)
Bit 11
Velocity Mode
Bit 10
Stop Smoothly (Decelerate as
Programmed)
Bit 9
Stop Abruptly (Maximum Deceleration)
Bit 8
Turn Off Motor (Output Zero Drive)
Bit 7
Not Used
Bit 6
Not Used
Bit Position
Function
Bit 5
Acceleration Will Be Loaded
Bit 4
Acceleration Data Is Relative
Bit 3
Velocity Will Be Loaded
Bit 2
Velocity Data Is Relative
Bit 1
Position Will Be Loaded
Bit 0
Position Data Is Relative
Bit 12 determines the motor direction when in the velocity
mode. A logic one indicates forward direction. This bit has no
effect when in position mode.
Bit 11 determines whether the LM628 operates in velocity
mode (Bit 11 logic one) or position mode (Bit 11 logic zero).
Bits 8 through 10 are used to select the method of
manually
stopping the motor. These bits are not provided for one to
merely specify the desired
mode of stopping, in position
mode operations, normal stopping is always smooth and oc-
curs automatically at the end of the specified trajectory. Un-
der exceptional circumstances it may be desired to manually
intervene with the trajectory generation process to affect a
premature stop. In velocity mode operations, however, the
normal means of stopping
is via bits 8 through 10 (usually bit
10). Bit 8 is set to logic one to stop the motor by turning off
motor drive output (outputting the appropriate offset-binary
code to apply zero drive to the motor); bit 9 is set to one to
stop the motor abruptly (at maximum available acceleration,
by setting the target position equal to the current position);
and bit 10 is set to one to stop the motor smoothly by using
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com