Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM628 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM628
Description  Precision Motion Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM628 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM628 Datasheet HTML 1Page - National Semiconductor (TI) LM628 Datasheet HTML 2Page - National Semiconductor (TI) LM628 Datasheet HTML 3Page - National Semiconductor (TI) LM628 Datasheet HTML 4Page - National Semiconductor (TI) LM628 Datasheet HTML 5Page - National Semiconductor (TI) LM628 Datasheet HTML 6Page - National Semiconductor (TI) LM628 Datasheet HTML 7Page - National Semiconductor (TI) LM628 Datasheet HTML 8Page - National Semiconductor (TI) LM628 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AC Electrical Characteristics (Continued)
(V
DD and TA per Operating Ratings; fCLK = 6 MHz; CLOAD = 50 pF; Input Test Signal tr = tf = 10 ns)
Timing Interval
T#
Tested Limits
Units
Min
Max
STATUS BYTE READ TIMING (See
Figure 4)
Chip-Select Setup/Hold Time
T7
0
ns
Port-Select Setup Time
T8
30
ns
Port-Select Hold Time
T9
30
ns
Read Data Access Time
T10
180
ns
Read Data Hold Time
T11
0
ns
RD High to Hi-Z Time
T12
180
ns
COMMAND BYTE WRITE TIMING (See
Figure 5)
Chip-Select Setup/Hold Time
T7
0
ns
Port-Select Setup Time
T8
30
ns
Port-Select Hold Time
T9
30
ns
Busy Bit Delay
T13
(Note 3)
ns
WR Pulse Width
T14
100
ns
Write Data Setup Time
T15
50
ns
Write Data Hold Time
T16
120
ns
DATA WORD READ TIMING (See
Figure 6)
Chip-Select Setup/Hold Time
T7
0
ns
Port-Select Setup Time
T8
30
ns
Port-Select Hold Time
T9
30
ns
Read Data Access Time
T10
180
ns
Read Data Hold Time
T11
0
ns
RD High to Hi-Z Time
T12
180
ns
Busy Bit Delay
T13
(Note 3)
ns
Read Recovery Time
T17
120
ns
DATA WORD WRITE TIMING (See
Figure 7)
Chip-Select Setup/Hold Time
T7
0
ns
Port-Select Setup Time
T8
30
ns
Port-Select Hold Time
T9
30
ns
Busy Bit Delay
T13
(Note 3)
ns
WR Pulse Width
T14
100
ns
Write Data Setup Time
T15
50
ns
Write Data Hold Time
T16
120
ns
Write Recovery Time
T18
120
ns
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond the above Operating Ratings.
Note 2: When operating at ambient temperatures above 70˚C, the device must be protected against excessive junction temperatures. Mounting the package on a
printed circuit board having an area greater than three square inches and surrounding the leads and body with wide copper traces and large, uninterrupted areas of
copper, such as a ground plane, suffices. The 28-pin DIP (N) and the 24-pin surface mount package (M) are molded plastic packages with solid copper lead frames.
Most of the heat generated at the die flows from the die, through the copper lead frame, and into copper traces on the printed circuit board. The copper traces act
as a heat sink. Double-sided or multi-layer boards provide heat transfer characteristics superior to those of single-sided boards.
Note 3: In order to read the busy bit, the status byte must first be read. The time required to read the busy bit far exceeds the time the chip requires to set the busy
bit. It is, therefore, impossible to test actual busy bit delay. The busy bit is guaranteed to be valid as soon as the user is able to read it.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com