Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM628 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM628
Description  Precision Motion Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM628 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM628 Datasheet HTML 7Page - National Semiconductor (TI) LM628 Datasheet HTML 8Page - National Semiconductor (TI) LM628 Datasheet HTML 9Page - National Semiconductor (TI) LM628 Datasheet HTML 10Page - National Semiconductor (TI) LM628 Datasheet HTML 11Page - National Semiconductor (TI) LM628 Datasheet HTML 12Page - National Semiconductor (TI) LM628 Datasheet HTML 13Page - National Semiconductor (TI) LM628 Datasheet HTML 14Page - National Semiconductor (TI) LM628 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Theory of Operation (Continued)
LM628 READING AND WRITING OPERATIONS
The host processor writes commands to the LM628 via the
host I/O port when Port Select (PS ) input (Pin 16) is logic
low. The desired command code is applied to the parallel
port line and the Write (WR ) input (Pin 15) is strobed. The
command byte is latched into the LM628 on the rising edge
of the WR input. When writing command bytes it is neces-
sary to first read the status byte and check the state of a flag
called the “busy bit” (Bit 0). If the busy bit is logic high, no
command write may take place. The busy bit is never high
longer than 100 µs, and typically falls within 15 µs to 25 µs.
The host processor reads the LM628 status byte in a similar
manner: by strobing the Read (RD ) input (Pin 13) when PS
(Pin 16) is low; status information remains valid as long as
RD is low.
Writing and reading data to/from the LM628 (as opposed to
writing commands and reading status) are done with PS (Pin
16) logic high. These writes and reads are always an integral
number (from one to seven) of two-byte words, with the first
byte of each word being the more significant. Each byte re-
quires a write (WR ) or read (RD ) strobe. When transferring
data words (byte-pairs), it is necessary to first read the status
byte and check the state of the busy bit. When the busy bit is
logic low, the user may then sequentially transfer both bytes
comprising a data word, but the busy bit must again be
checked and found to be low before attempting to transfer
the next byte pair (when transferring multiple words). Data
transfers are accomplished via LM628-internal interrupts
(which are not nested); the busy bit informs the host proces-
sor when the LM628 may not be interrupted for data transfer
(or a command byte). If a command is written when the busy
bit is high, the command will be ignored.
The busy bit goes high immediately after writing a command
byte, or reading or writing a second byte of data (See
Figure
5 thru Figure 7).
MOTOR OUTPUTS
The LM628 DAC output port can be configured to provide ei-
ther a latched eight-bit parallel output or a multiplexed 12-bit
output. The 8-bit output can be directly connected to a
flow-through (non-input-latching) D/A converter; the 12-bit
output can be easily demultiplexed using an external 6-bit
latch and an input-latching 12-bit D/A converter. The DAC
output data is offset-binary coded; the 8-bit code for zero is
80 hex and the 12-bit code for zero is 800 hex. Values less
than these cause a negative torque to be applied to the mo-
tor and, conversely, larger values cause positive motor
torque. The LM628, when configured for 12-bit output, pro-
vides signals which control the demultiplexing process. See
for details.
The LM629 provides 8-bit, sign and magnitude PWM output
signals for directly driving switch-mode motor-drive amplifi-
ers.
Figure 11 shows the format of the PWM magnitude out-
put signal.
TABLE 2. LM628 User Command Set
Command
Type
Description
Hex
Data
Note
Bytes
RESET
Initialize
Reset LM628
00
0
1
PORT8
Initialize
Select 8-Bit Output
05
0
2
PORT12
Initialize
Select 12-Bit Output
06
0
2
DFH
Initialize
Define Home
02
0
1
SIP
Interrupt
Set Index Position
03
0
1
LPEI
Interrupt
Interrupt on Error
1B
2
1
LPES
Interrupt
Stop on Error
1A
2
1
SBPA
Interrupt
Set Breakpoint, Absolute
20
4
1
SBPR
Interrupt
Set Breakpoint, Relative
21
4
1
DS009219-13
FIGURE 11. PWM Output Signal Format (Sign output (pin 18) not shown)
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com