Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM628 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM628
Description  Precision Motion Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM628 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM628 Datasheet HTML 15Page - National Semiconductor (TI) LM628 Datasheet HTML 16Page - National Semiconductor (TI) LM628 Datasheet HTML 17Page - National Semiconductor (TI) LM628 Datasheet HTML 18Page - National Semiconductor (TI) LM628 Datasheet HTML 19Page - National Semiconductor (TI) LM628 Datasheet HTML 20Page - National Semiconductor (TI) LM628 Datasheet HTML 21Page - National Semiconductor (TI) LM628 Datasheet HTML 22Page - National Semiconductor (TI) LM628 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Typical Applications (Continued)
propriate move via the LM628, but with no feedback from the
system encoder. When the all-zeros code is present, adjust
the pot for 0V at Pin 6 of the LF356.
A Monolithic Linear Drive Using LM12 Power Op Amp
Figure 15 shows a motor-drive amplifier built using the LM12
Power Operational Amplifier. This circuit is very simple and
can deliver up to 8A at 30V (using the LM12L/LM12CL). Re-
sistors R1 and R2 should be chosen to set the gain to pro-
vide maximum output voltage consistent with maximum input
voltage. This example provides a gain of 2.2, which allows
for amplifier output saturation at ±22V with a ±10V input, as-
suming power supply voltages of ±30V. The amplifier gain
should not be higher than necessary because the system is
non-linear when saturated, and because gain should be con-
trolled by the LM628. The LM12 can also be configured as a
current driver, see 1987 Linear Databook, Vol. 1, p. 2–280.
Typical PWM Motor Drive Interfaces
Figure 16 shows an LM18298 dual full-bridge driver inter-
faced to the LM629 PWM outputs to provide a switch-mode
power amplifier for driving small brush/commutator motors.
Incremental Encoder Interface
The incremental (position feedback) encoder interface con-
sists of three lines: Phase A (Pin 2), Phase B (Pin 3), and In-
dex (Pin 1). The index pulse output is not available on some
encoders. The LM628 will work with both encoder types, but
commands SIP and RDIP will not be meaningful without an
index pulse (or alternative input for this input … be sure to tie
Pin 1 high if not used).
Some consideration is merited relative to use in high
Gaussian-noise environments. If noise is added to the en-
coder inputs (either or both inputs) and is such that it is not
sustained until the next encoder transition, the LM628 de-
coder logic will reject it. Noise that mimics quadrature counts
or persists through encoder transitions must be eliminated
by appropriate EMI design.
Simple digital “filtering” schemes merely reduce susceptibil-
ity to noise (there will always be noise pulses longer than the
filter can eliminate). Further, any noise filtering scheme re-
duces decoder bandwidth. In the LM628 it was decided
(since simple filtering does not eliminate the noise problem)
to not include a noise filter in favor of offering maximum pos-
sible decoder bandwidth. Attempting to drive encoder signals
too long a distance with simple TTL lines can also be a
source of “noise” in the form of signal degradation (poor rise-
time and/or ringing). This can also cause a system to lose
positional integrity. Probably the most effective countermea-
sure to noise induction can be had by using balanced-line
drivers and receivers on the encoder inputs.
Figure 17
shows circuitry using the DS26LS31 and DS26LS32.
DS009219-14
Note:
FIGURE 12. Host Interface and Minimum System Configuration
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com