Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC701LP6CE Datasheet(PDF) 30 Page - Analog Devices

Part # HMC701LP6CE
Description  Fractional or Integer Modes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC701LP6CE Datasheet(HTML) 30 Page - Analog Devices

Back Button HMC701LP6CE Datasheet HTML 26Page - Analog Devices HMC701LP6CE Datasheet HTML 27Page - Analog Devices HMC701LP6CE Datasheet HTML 28Page - Analog Devices HMC701LP6CE Datasheet HTML 29Page - Analog Devices HMC701LP6CE Datasheet HTML 30Page - Analog Devices HMC701LP6CE Datasheet HTML 31Page - Analog Devices HMC701LP6CE Datasheet HTML 32Page - Analog Devices HMC701LP6CE Datasheet HTML 33Page - Analog Devices HMC701LP6CE Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
30
HMC701LP6CE
v09.1112
8 GHz 16-BIT FRACTIONAL-N PLL
Table 14. Reg 03h Reference Path Register
Bit
Type
Name
Default
Description
13:0
r/W
rfp_div_ratio
also referred to as ‘r’
1
Divides the crystal input by this number ‘r’ if
rfp_div_en=1 and rfp_div_select = 1
rfp_div_ratio = 0 not allowed
2<=div_ratio<=2^14
see Figure 4
14
r/W
rfp_div_select
0
1 = reference divider enabled
0 = bypass ref divider
see Figure 4
15
r/W
rfp_auto_refdiv_sel_en
1
1 = auto ref divider enable or bypass is automatic
if rfp_div_ratio = 1, bypass divider
if rfp_div_bypass ~=1 use divider
see Figure 4
16
r/W
rfp_buf_sin_sel
0
Selects sine wave reference for normal operation
see Figure 4
Table 15. Reg 04h Prescaler Duty Cycle Register
Bit
Type
Name
Default
Description
0
r/W
vcop_dutycycmode
0
Extends the low time from 15 to 47 Vco cycles
for large divide ratios. Program 0
Table 16. Reg 05h Phase Freq Detector Register (pfd)
Bit
Type
Name
Default
Description
0
r/W
pfd_phase_sel
0
inverts PFD Polarity
0 = Passive Filter +ve slope Vco
1 = Passive Filter -ve slope Vco
1 = active inverting filter, +ve slope Vco
0 = active inverting filter, -ve slope Vco
1
r/W
pfd_upout_en
1
allows masking of the up outputs between PFD
and cP
2
r/W
pfd_dnout_en
1
allows masking of the dn outputs between PFD
and cP
Table 17. Reg 06h Phase Freq Detector Delay Register
Bit
Type
Name
Default
Description
2:0
r/W
pfd_del_sel
2h
Delay line setpoint to PFD Program 001
Table 18. Reg 07h Charge Pump UP/DN Control Register
Bit
Type
Name
Default
Description
4:0
r/W
cp_UPcurrent_sel
10h
Sets charge-Pump Up gain, 125ua lsb, binary,
4ma max. Program as needed
9:5
r/W
cp_Dncurrent_sel
10h
Sets charge-Pump Dn gain, 125ua lsb, binary,
4ma max. Program as needed
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com