Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC701LP6CE Datasheet(PDF) 29 Page - Analog Devices

Part # HMC701LP6CE
Description  Fractional or Integer Modes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC701LP6CE Datasheet(HTML) 29 Page - Analog Devices

Back Button HMC701LP6CE Datasheet HTML 25Page - Analog Devices HMC701LP6CE Datasheet HTML 26Page - Analog Devices HMC701LP6CE Datasheet HTML 27Page - Analog Devices HMC701LP6CE Datasheet HTML 28Page - Analog Devices HMC701LP6CE Datasheet HTML 29Page - Analog Devices HMC701LP6CE Datasheet HTML 30Page - Analog Devices HMC701LP6CE Datasheet HTML 31Page - Analog Devices HMC701LP6CE Datasheet HTML 32Page - Analog Devices HMC701LP6CE Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
29
HMC701LP6CE
v09.1112
8 GHz 16-BIT FRACTIONAL-N PLL
Table 12. Reg 01h Enable & Reset Register
Bit
Type
Name
Width
Default
Description
0
r/W
malg_vcobuf_en
1
1
Vco Buffer Enable
1
r/W
mag_bias_en
1
1
Bias enable. When 0 PLL is disabled.
2
r/W
rfp_div_en
1
0
Enables / Holds refdiv in reset
Holding ref divider in reset is equivalent to
bypassing the divider, see Figure 4
3
r/W
xrefmux_todig_en
1
1
Enables clock gate for xtal muxed (sq or sin)
reference to digital.
Program 1
4
r/W
rfp_div_todig_en
1
1
Enables divided reference clock to the digital
see Figure 4
5
r/W
rfp_sqr_todig_en
1
0
Enables square wave xtal clock to main digital
see Figure 4. Program 0
6
r/W
rfp_sin_todig_en
1
0
Enables sine wave xtal clock to main digital
see Figure 4
7
r/W
rfp_buf_sq_en
1
1
Enables Square wave ref Buffer. also requires
reg3h[16]=0 for Square wave ref Buffer. See
Figure 4
8
r/W
rfp_buf_sin_en
1
0
Enables Sine wave ref Buffer. also requires
reg3h[16]=1 for Sine wave ref Buffer. See
Figure 4
9
r/W
vcop_todig_en
1
1
1= divided Vco as digital, Δ∑ modulator clock
0= Divided ref path as the Δ∑ modulator clock
Program 1
10
r/W
vcop_presc_en
1
1
Enables the prescaler bias
11
r/W
pfd_lkd_en
1
1
Enable / resetb to digital lockdetect circuit and
PFD’s lockdetect output gates
Program 1
12
r/W
cp_en
1
1
charge Pump Enable, disable is tri-stated output
13
r/W
dsm_rstb
1
1
1 - Enables fractional modulator
see also dsm_integer_mode Reg12h<3>
14
r/W
lkd_rstb
1
1
1 - enables lock detect circuit
15
r/W
pfds_rstb
1
1
cSP PFD FF rstb
1 - Enables the cycle Slip Prevention (cSP)
feature of the PFD
Table 13. Reg 02h Serial Data Out Force Register
Bit
Type
Name
Default
Description
0
r/W
malg_sdo_driver_force_val
1
LD/SDo Driver Enable control value (1=enabled).
Driver Enable controlled by this bit only when
reg02h[1]=1
1
r/W
malg_sdo_driver_force_en
1
When 1 LD/SDo Driver Enable controlled by reg
02h[0].
When 0 LD/SDo Driver Enable controlled by
internal SPi read active signal (ie. enabled only
when an SPi read occurs and high impedance all
other times)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com