Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC701LP6CE Datasheet(PDF) 20 Page - Analog Devices

Part # HMC701LP6CE
Description  Fractional or Integer Modes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC701LP6CE Datasheet(HTML) 20 Page - Analog Devices

Back Button HMC701LP6CE Datasheet HTML 16Page - Analog Devices HMC701LP6CE Datasheet HTML 17Page - Analog Devices HMC701LP6CE Datasheet HTML 18Page - Analog Devices HMC701LP6CE Datasheet HTML 19Page - Analog Devices HMC701LP6CE Datasheet HTML 20Page - Analog Devices HMC701LP6CE Datasheet HTML 21Page - Analog Devices HMC701LP6CE Datasheet HTML 22Page - Analog Devices HMC701LP6CE Datasheet HTML 23Page - Analog Devices HMC701LP6CE Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
20
HMC701LP6CE
v09.1112
8 GHz 16-BIT FRACTIONAL-N PLL
where
Nint
is the integer division ratio, an integer number between 36 and 65,533
(dsm_intg (Reg0Fh table 26))
Nfrac
is the fractional part, a number from 1 to 224 (dsm_frac Reg10h table 27)
R
is the reference path division ratio, (rfp_div_ratio Reg03h<13:0> table 14)
fxtal
is the frequency of the crystal oscillator input (XSin or XrEF Figure 4)
as an Example:
fxtal
= 50 MHz
R
= 1
fref
= 50 MHz
Nint
= 46
Nfrac
= 1
(EQ 14)
in this example the output frequency of 2,300,000,002.98 Hz is achieved by programming the 16-bit binary value of
46d = 2Eh = 0000 0000 0010 1110 into dsm_intg.
Similarly the 24-bit binary value of the fractional word is written into dsm_frac,
1d = 000 001h = 0000 0000 0000 0000 0000 0001
Example 2: Set the output to 4.600 025 GHz using a 100 MHz reference, r=2.
Find the nearest integer value, nint, nint = 92, fint = 4.600 000 GHz
this leaves the fractional part to be ffrac =25 kHz
(EQ 15)
Since Nfrac must be an integer number, the actual fractional frequency will be 25,001.17 Hz, an error of 1.17 Hz.
Here we program the 16-bit nint = 92d = 5ch = 0000 0000 0101 1100 and
the 24-bit nfrac = 8389d = 20c5h = 0000 0010 0000 1100 0101
in addition to the above frequency programming words, the fractional mode must be enabled using the frac register.
other DSM configuration registers should be set to the recommended values. register setup files are available on
request.
Integer Frequency
the synthesizer is capable of operating in integer mode. in integer mode the digital Δ∑ modulator is normally shut
off and the division ratio of the Vco divider is set at a fixed value. to run in integer mode set dsm_integer_mode
(Reg12h<3> table 29) and clear dsm_rstb (Reg01h<13> table 12). then program the integer portion of the frequency,
NINT, as explained by (EQ 13), ignoring the fractional part.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com