Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC701LP6CE Datasheet(PDF) 8 Page - Analog Devices

Part # HMC701LP6CE
Description  Fractional or Integer Modes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC701LP6CE Datasheet(HTML) 8 Page - Analog Devices

Back Button HMC701LP6CE Datasheet HTML 4Page - Analog Devices HMC701LP6CE Datasheet HTML 5Page - Analog Devices HMC701LP6CE Datasheet HTML 6Page - Analog Devices HMC701LP6CE Datasheet HTML 7Page - Analog Devices HMC701LP6CE Datasheet HTML 8Page - Analog Devices HMC701LP6CE Datasheet HTML 9Page - Analog Devices HMC701LP6CE Datasheet HTML 10Page - Analog Devices HMC701LP6CE Datasheet HTML 11Page - Analog Devices HMC701LP6CE Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
HMC701LP6CE
v09.1112
8 GHz 16-BIT FRACTIONAL-N PLL
Sine Reference Input
the crystal reference sine input stage is shown in Figure 2. this is the lowest noise reference path. this is a common
emitter single ended bipolar buffer. the XSin input pin is Dc coupled and has about 950 mV bias on it. Expected
input is a 0 dBm sinusoid from a 50 ohm source. normally the input should be ac coupled externally. the sine buffer
input impedance is dominated by a 25 ohm shunt resistor in series with a 50 pF on chip cap. Should a lower input
impedance be needed, an external 50 ohm shunt resistor can be used, Dc isolated by an external bypass cap. the
sine input reference path phase noise floor is approximately equivalent to -159 dBc/Hz. For best performance care
should be taken to provide a crystal reference source with equivalent or better phase noise floor.
Figure 2. Ref Sine Input
Square Wave Reference Input
the square wave ref input stage is shown in Figure 3. the stage is designed to accept square wave inputs from cML
to cMoS levels. Slightly degraded phase noise performance may be obtained with quasi sine 1 Vpp inputs. it may be
necessary to attenuate very large cMoS levels if absolute best in close phase noise performance is required. input
reference should have a noise floor better than -160 dBc/Hz to avoid degradation of the input reference path.
Figure 3. Square Wave Ref Input Stage
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com