Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC701LP6CE Datasheet(PDF) 23 Page - Analog Devices

Part # HMC701LP6CE
Description  Fractional or Integer Modes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC701LP6CE Datasheet(HTML) 23 Page - Analog Devices

Back Button HMC701LP6CE Datasheet HTML 19Page - Analog Devices HMC701LP6CE Datasheet HTML 20Page - Analog Devices HMC701LP6CE Datasheet HTML 21Page - Analog Devices HMC701LP6CE Datasheet HTML 22Page - Analog Devices HMC701LP6CE Datasheet HTML 23Page - Analog Devices HMC701LP6CE Datasheet HTML 24Page - Analog Devices HMC701LP6CE Datasheet HTML 25Page - Analog Devices HMC701LP6CE Datasheet HTML 26Page - Analog Devices HMC701LP6CE Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
23
HMC701LP6CE
v09.1112
8 GHz 16-BIT FRACTIONAL-N PLL
2-Way Sweeps
if ramp_repeat_en (Reg14h<3> table 30) is cleared, then the ramps are triggered by
a. Writing to ramp_trigg (Reg14h<2> table 30), if bit <2> = 0, or
b. by rising edge ttL signal input on GPo3, if ramp_trig_ext_en is set, and GPo3 is enabled.
all functions are the same in Figure 15 for autosweep or 2-Way triggered sweeps, the only difference is the trigger
source is generated internally for autosweep, and is input via serial port or GPo3 for triggered sweeps. Sweep_busy
will go high at the start of every ramp and stay high until the nth step in the ramp.
Figure 15. 2-Way Sweep Control via Trigger
Triggered 1-Way Sweeps
1-Way sweeps are shown inFigure 16.
Unlike 2-Way sweeps, 1-Way sweeps require that the Vco hop back to the start frequency after the dwell period.
triggered 1-Way sweeps also require a 3rd trigger to start the new sweep. the 3rd trigger must be timed appropriately
to allow the Vco to settle after the large frequency hop back to the start frequency. Subsequent odd numbered
triggers will start the 1-Way sweep and repeat the process.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com