Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC701LP6CE Datasheet(PDF) 39 Page - Analog Devices

Part # HMC701LP6CE
Description  Fractional or Integer Modes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC701LP6CE Datasheet(HTML) 39 Page - Analog Devices

Back Button HMC701LP6CE Datasheet HTML 32Page - Analog Devices HMC701LP6CE Datasheet HTML 33Page - Analog Devices HMC701LP6CE Datasheet HTML 34Page - Analog Devices HMC701LP6CE Datasheet HTML 35Page - Analog Devices HMC701LP6CE Datasheet HTML 36Page - Analog Devices HMC701LP6CE Datasheet HTML 37Page - Analog Devices HMC701LP6CE Datasheet HTML 38Page - Analog Devices HMC701LP6CE Datasheet HTML 39Page - Analog Devices HMC701LP6CE Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
39
HMC701LP6CE
v09.1112
8 GHz 16-BIT FRACTIONAL-N PLL
Table 44. Reg 22h Reserved
Bit
Type
Name
Default
Description
23:0
ro
reserved
0
reserved
Outline Drawing
notES:
1. PacKaGE BoDY MatEriaL: LoW StrESS inJEction MoLDED
PLaStic SiLica anD SiLicon iMPrEGnatED.
2. LEaD anD GroUnD PaDDLE MatEriaL: coPPEr aLLoY.
3. LEaD anD GroUnD PaDDLE PLatinG: 100% MattE tin.
4. DiMEnSionS arE in incHES [MiLLiMEtErS].
5. LEaD SPacinG toLErancE iS non-cUMULatiVE.
6. PaD BUrr LEnGtH SHaLL BE 0.15mm MaX.
PaD BUrr HEiGHt SHaLL BE 0.25mm MaX.
7. PacKaGE WarP SHaLL not EXcEED 0.05mm
8. aLL GroUnD LEaDS anD GroUnD PaDDLE
MUSt BE SoLDErED to PcB rF GroUnD.
9. rEFEr to HittitE aPPLication notE
For SUGGEStED PcB LanD PattErn.
Package Information
Part number
Package Body Material
Lead Finish
MSL rating
Package Marking [1]
HMc701LP6cE
roHS-compliant Low Stress injection Molded Plastic
100% matte Sn
MSL1
[2]
H701
XXXX
[1] 4-Digit lot number XXXX
[2] Max peak reflow temperature of 260 °c
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com