Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC701LP6CE Datasheet(PDF) 10 Page - Analog Devices

Part # HMC701LP6CE
Description  Fractional or Integer Modes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC701LP6CE Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC701LP6CE Datasheet HTML 6Page - Analog Devices HMC701LP6CE Datasheet HTML 7Page - Analog Devices HMC701LP6CE Datasheet HTML 8Page - Analog Devices HMC701LP6CE Datasheet HTML 9Page - Analog Devices HMC701LP6CE Datasheet HTML 10Page - Analog Devices HMC701LP6CE Datasheet HTML 11Page - Analog Devices HMC701LP6CE Datasheet HTML 12Page - Analog Devices HMC701LP6CE Datasheet HTML 13Page - Analog Devices HMC701LP6CE Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
HMC701LP6CE
v09.1112
8 GHz 16-BIT FRACTIONAL-N PLL
Figure 4. Reference Path Block Diagram
VCO Path
the rF path from the Vco to the phase detector, is referred to as the Vco path. the Vco path consists of an input
isolation buffer and a multi-modulus prescaler, or simply the n divider. the n divider is controlled by the fractional
modulator. this path operates with inputs directly from the external Vco.
RF Input Stage
the synthesizer rF input stage routes the external Vco to the phase detector via a 16-bit fractional divider. the rF
input path is rated to operate nominally from 100 kHz to 8 GHz in fractional and 9 GHz in integer modes. the rF input
stage also provides isolation between the Vco and the prescaler. the rF input stage is a differential common emitter
stage, Dc coupled for maximum flexibility. the input is protected by ESD diodes as shown in Figure 5. normally the
rF input is ac coupled to a single ended external source. the rFinP buffer is well matched from a single ended
50 ohm source above about 3.5 GHz, with the complimentary input grounded. if a better match is required at low
frequency a simple shunt 50 ohm resistor can be used external to the package. if a differential external source is used
then the two input pins may be used for best performance.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com