Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4807-2ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4807-2ACPZ-R2
Description  3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4807-2ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADA4807-2ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
3.1 nV/√Hz, 1 mA, 180 MHz,
Rail-to-Rail Input/Output Amplifiers
Data Sheet
ADA4807-1/ADA4807-2/ADA4807-4
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low input noise
3.1 nV/√Hz at f = 100 kHz with 29 Hz 1/f corner
0.7 pA/√Hz at f = 100 kHz with 2 kHz 1/f corner
High speed performance with dc precision
180 MHz, −3 dB bandwidth (G = +1, VOUT = 20 mV p-p)
225 V/μs slew rate for 5 V step (rise)
47 ns settling time to 0.1% for 4 V step
±125 μV and 3.7 μV/°C maximum input offset voltage and drift
100 nA and 250 pA/°C maximum input offset current and drift
Low distortion (HD2/HD3), VS = ±5 V, VOUT = 2 V p-p
−141 dBc/−144 dBc at 1 kHz
−112 dBc/−115 dBc at 100 kHz
−95 dBc/−79 dBc at 1 MHz
Low power operation
1.0 mA quiescent supply current per amplifier at ±5 V
Dynamic power scaling
Fully specified at +3 V, +5 V, and ±5 V supplies
Rail-to-rail inputs and outputs
APPLICATIONS
High resolution analog-to-digital converter (ADC) drivers
Portable and battery-powered instruments and systems
High component density data acquisition systems
Audio signal conditioning
Active filters
PIN CONNECTION DIAGRAMS
VOUT 1
–VS 2
+IN 3
+VS
6
DISABLE
5
–IN
4
Figure 1. 6-Lead SC70 and 6-Lead SOT-23 Pin Configuration (ADA4807-1)
VOUT1 1
–IN1 2
+IN1 3
–VS 4
+VS
8
VOUT2
7
–IN2
6
+IN2
5
Figure 2. 8-Lead MSOP Pin Configuration (ADA4807-2)
1
VOUT1
2
–IN1
3
+IN1
4
–VS
5
DISABLE1
10 +VS
9VOUT2
8–IN2
7+IN2
6 DISABLE2
Figure 3. 10-Lead LFCSP Pin Configuration (ADA4807-2)
+VS
+IN2
VOUT2
VOUT4
+IN4
–VS
+IN3
VOUT3
+IN1
VOUT1 1
2
3
4
5
6
7
14
13
12
11
10
9
8
–IN1
–IN2
–IN4
–IN3
ADA4807-4
Figure 4. 14-Lead TSSOP Pin Configuration (ADA4807-4)
GENERAL DESCRIPTION
The ADA4807-1 (single), ADA4807-2 (dual), and ADA4807-4
(quad) are low noise, rail-to-rail input and output, voltage
feedback amplifiers. These amplifiers combine low power, low
noise, high speed, and dc precision to provide an attractive
solution for a wide range of applications from high resolution
data acquisition instrumentation to high performance battery-
powered and high component density systems where power
consumption is of key importance.
With only 1.0 mA of supply current per amplifier, the ADA4807-1/
ADA4807-2/ADA4807-4 feature the lowest input voltage noise
among high speed, rail-to-rail input/output amplifiers in the
industry and offer a wide bandwidth, high slew rate, fast settling
time, and excellent distortion performance. Additionally, these
amplifiers offer very low input offset voltage and drift performance,
making them ideal for driving multiplexed and high throughput
precision 16-/18-bit successive approximation registers (SARs)
and 24-bit - ADCs.
These amplifiers are fully specified at +3 V, +5 V, and ±5 V supplies
and can operate over the industrial −40°C to +125°C
temperature range.
The ADA4807-1 is available in 6-lead SOT-23 and space-saving
6-lead SC70 packages. The ADA4807-2 is available in an 8-lead
MSOP and a compact, 3 mm × 3 mm, 10-lead LFCSP. The
ADA4807-4 is available in a 14-lead TSSOP package.
Table 1. Other Rail-to-Rail Amplifiers
Device
Bandwidth
(MHz)
Slew
Rate
(V/μs)
Voltage
Noise
(nV/√Hz)
Max.
VOS
(mV)
AD8031/AD8032
80
35
15
±1.5
AD8027/AD8028
190
90
4.3
0.8
AD8029/AD8030/
AD8040
125
62
16.5
5


Similar Part No. - ADA4807-2ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4807-2 AD-ADA4807-2 Datasheet
532Kb / 13P
Devices Connected
Rev. 0
More results

Similar Description - ADA4807-2ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4896-2 AD-ADA4896-2 Datasheet
515Kb / 28P
1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
REV. 0
logo
Texas Instruments
TLV2241 TI1-TLV2241 Datasheet
657Kb / 22P
FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2241CDG4 TI-TLV2241CDG4 Datasheet
861Kb / 22P
FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADA4895-2ARMZ-R7 AD-ADA4895-2ARMZ-R7 Datasheet
490Kb / 24P
Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
REV. 0
logo
Texas Instruments
LM6142 TI1-LM6142 Datasheet
1Mb / 26P
17 MHz Rail-to-Rail Input-Output Operational Amplifiers
TSV911 TI1-TSV911 Datasheet
1Mb / 25P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_18 Datasheet
2Mb / 36P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911_018 TI1-TSV911_018 Datasheet
3Mb / 41P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_19 Datasheet
4Mb / 49P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com