Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4807-2ACPZ-R2 Datasheet(PDF) 25 Page - Analog Devices

Part # ADA4807-2ACPZ-R2
Description  3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4807-2ACPZ-R2 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADA4807-2ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 25Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 26Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 27Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 28Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
Data Sheet
ADA4807-1/ADA4807-2/ADA4807-4
Rev. B | Page 25 of 33
DISABLE CIRCUITRY
When the DISABLE pin is an option, a pull-up resistor is required
if the logic leakage currents exceed 300 nA. For a 10 V supply,
pulling the DISABLE pin to below 6.3 V turns the ADA4807-1/
ADA4807-2 off, which reduces the supply current to 2.4 µA.
Conversely, pulling the DISABLE pin voltage to above 6.6 V
enables the ADA4807-1/ADA4807-2 with a quiescent current of
1 mA. When the ADA4807-1/ADA4807-2 device is disabled, its
output enters a high impedance state. Figure 64 and Table 10
show the DISABLE functionality over the complete supply range.
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
3
4
5
6
7
8
9
10
POWER SUPPLY, VS (V)
VTH
VON = VTH +150mV
VOFF = VTH –150mV
Figure 64. DISABLE Trigger Voltage
Table 10. Threshold Voltages for Disabled and Enabled Modes
Mode
+3 V
+5 V
+10 V
±5 V
+7 V/−2 V
Enabled
1.35 V
1.6 V
6.6 V
1.6 V
3.6 V
Disabled
1.05 V
1.3 V
6.3 V
1.3 V
3.3 V
The output impedance decreases as the frequency increases. When
disabled, a forward isolation of 120 dB is achieved at 100 kHz (see
Figure 22). ESD clamps protect the DISABLE pin, as shown in
Figure 65. Voltages beyond the power supplies cause these diodes
to conduct. To avoid excessive current in the ESD diodes, ensure
that the voltage to the DISABLE pin is not 0.7 V greater than the
positive supply or that it is not 0.7 V less than the negative supply.
If an overvoltage condition is expected, limit the input current to
less than 10 mA with a series resistor.
INPUT PROTECTION
The ADA4807-1/ADA4807-2/ADA4807-4 are fully protected
from ESD events, withstanding human body model ESD events
of ±3 kV and charged device model events of ±1.25 kV with no
measured performance degradation. The precision input is
protected with an ESD network between the power supplies and
diode clamps across the input device pair, as shown in Figure 65.
For differential voltages above approximately 1.2 V at room
temperature and 0.8 V at 125°C, the diode clamps begin to
conduct. Too much current can cause damage due to excessive
heating. If large differential voltages must be sustained across the
input terminals, it is recommended that the current through the
input clamps be limited to less than 10 mA. Series input resistors
sized appropriately for the expected differential overvoltage
provide the needed protection.
+INx
ESD
ESD
–VS
+VS
BIAS
TO THE REST OF THE AMPLIFIER
–INx
ESD
ESD
NOTES
1. THE ±INx PINS ARE ±IN ON THE ADA4807-1,
±IN1 AND ±IN2 ON THE ADA4807-2,
AND ±IN1 TO ±IN4 ON THE ADA4807-4.
Figure 65. Input Stage and Protection Diodes
NOISE CONSIDERATIONS
Figure 66 illustrates the primary noise contributors for the typical
gain configurations. The total output noise (VN_OUT) is the root
sum square of all the noise contributions.
RG
RS
iep
ien
+ vout_en –
RF
ven
4kT × RS
VN _ RS =
4kT × RG
VN _ RG =
4kT × RF
VN _ RF =
Figure 66. Noise Sources in Typical Gain Configurations
Source resistance noise, amplifier input voltage noise, and the
voltage noise from the amplifier input current noise (IN+ × RS)
are all subject to the noise gain term (1 + RF/RG).
Calculate the output noise spectral density using the following
equation:
[
]
2
2
2
2
2
2
2
_
4
4
1
4
F
N
G
G
F
N
S
N
G
F
F
OUT
N
R
I
kTR
R
R
V
R
I
kTRs
R
R
kTR
V
−
+
+


+
+
+


+
+
=
where:
k is Boltzmann’s constant.
T is the absolute temperature in degrees Kelvin.
RF and RG are the feedback network resistances, as shown in
Figure 66.
RS is the source resistance, as shown in Figure 66.
IN+ and IN− represent the amplifier input current noise spectral
density in pA/√Hz.
VN is the amplifier input voltage noise spectral density in nV/√Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com