Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4807-2ACPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4807-2ACPZ-R2
Description  3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4807-2ACPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4807-2ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
Data Sheet
ADA4807-1/ADA4807-2/ADA4807-4
Rev. B | Page 15 of 33
FREQUENCY AND SUPPLY CURRENT
–140
–120
–100
–80
–60
–40
–20
0
20
0.01
0.1
1
10
100
1000
FREQUENCY (MHz)
ON
VS = ±2.5V
G = +1
DISABLE = +VS
OFF
DISABLE = –VS
Figure 22. Off Isolation vs. Frequency
0
20
40
60
80
100
120
140
160
–40
–20
0
20
40
60
80
100
120
0.001
0.01
0.1
1
10
100
1000
FREQUENCY (MHz)
VS = ±2.5V
Figure 23. Open-Loop Gain and Phase vs. Frequency
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
VS = ±1.5V
VS = ±5.0V
VS = ±2.5V
Figure 24. Quiescent Supply Current vs. Temperature
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
0.001
0.01
0.1
1
10
100
FREQUENCY (MHz)
VS = ±2.5V
ΔVCM = 0dBm
Figure 25. CMRR vs. Frequency
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
0.001
0.01
0.1
1
10
100
FREQUENCY (MHz)
–PSRR
+PSRR
VS = ±5V
ΔVS = –16dBm
Figure 26. PSRR vs. Frequency
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
0
1
2
3
4
5
6
POWER SUPPLY, ±VS (V)
DISABLE = –VS
+IS
–IS
Figure 27. DISABLE Supply Current vs. Power Supply, ±VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com