Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4807-2ACPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4807-2ACPZ-R2
Description  3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4807-2ACPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4807-2ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
ADA4807-1/ADA4807-2/ADA4807-4
Data Sheet
Rev. B | Page 12 of 33
+VS
+IN2
VOUT2
VOUT4
+IN4
–VS
+IN3
VOUT3
+IN1
VOUT1 1
2
3
4
5
6
7
14
13
12
11
10
9
8
–IN1
–IN2
–IN4
–IN3
ADA4807-4
Figure 9. ADA4807-4 Pin Configuration
Table 9. ADA4807-4 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUT1
Output 1
2
−IN1
Inverting Input 1
3
+IN1
Noninverting Input 1
4
+VS
Positive Supply
5
+IN2
Noninverting Input 2
6
−IN2
Inverting Input 2
7
VOUT2
Output 2
8
VOUT3
Output 3
9
−IN3
Inverting Input 3
10
+IN3
Noninverting Input 3
11
−VS
Negative Supply
12
+IN4
Noninverting Input 4
13
−IN4
Inverting Input 4
14
VOUT4
Output 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com