Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4807-2ACPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4807-2ACPZ-R2
Description  3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4807-2ACPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4807-2ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
ADA4807-1/ADA4807-2/ADA4807-4
Data Sheet
Rev. B | Page 16 of 33
DC AND INPUT COMMON-MODE PERFORMANCE
400
–600
–400
–200
0
INPUT REFERRED OFFSET VOLTAGE (µV)
200
400
600
350
300
250
200
150
100
50
0
VS = ±5V
VCM = +VS – 0.5V
450 UNITS
x = –32.7µV
σ = 109.4µV
VS = ±5V
VCM = 0V
450 UNITS
x = –1.5µV
σ = 17.9µV
NPN
PNP
Figure 28. Input Referred Offset Voltage Distribution for the ADA4807-1 and
ADA4807-2
–150
–100
–50
0
INPUT OFFSET CURRENT (nA)
50
100
150
300
250
200
150
100
50
0
VS = ±5V
VCM = 0V
450 UNITS
x = –1.58nA
σ = 6.62nA
VS = ±5V
VCM = +VS – 0.5V
450 UNITS
x = –1.18nA
σ = 22.59nA
NPN
PNP
Figure 29. Input Offset Current Distribution
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
–5.2
–3.9
–2.6
–1.3
0
1.3
2.6
3.9
5.2
INPUT COMMON-MODE VOLTAGE (V)
VS = ±5.0V
10 UNITS
Figure 30. Input Bias Current vs. Input Common-Mode Voltage
0
10
20
30
40
50
60
–2.8
–2.2
–1.6
–1.0
–0.4
0.2
0.8
1.4
2.0
2.6
3.2
3.8
INPUT OFFSET VOLTAGE DRIFT (µV/°C)
VS = ±2.5V
–40°C TO +125°C
COUNT = 361 AMPLIFIERS
x = 0.7µV/°C
σ = 0.5µV/°C
Figure 31. Input Referred Offset Voltage Drift Distribution, VCM = 0 V
0
10
20
30
40
50
60
70
80
90
–200
–140
–80
–20
40
100
160
220
280
INPUT OFFSET CURRENT DRIFT (pA/°C)
VS = ±2.5V
–40°C TO +125°C
COUNT = 283 AMPLIFIERS
x = 30pA/°C
σ = 35pA/°C
Figure 32. Input Offset Current Drift Distribution, VCM = 0 V
–30
–40
–20
–10
0
10
20
40
30
–5.2
–3.9
–2.6
–1.3
0
1.3
2.6
3.9
5.2
INPUT COMMON-MODE VOLTAGE (V)
VS = ±5.0V
10 UNITS
Figure 33. Input Offset Current vs. Input Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com