Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4807-2ACPZ-R2 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4807-2ACPZ-R2
Description  3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4807-2ACPZ-R2 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4807-2ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 25Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 26Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 27Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
ADA4807-1/ADA4807-2/ADA4807-4
Data Sheet
Rev. B | Page 24 of 33
THEORY OF OPERATION
The ADA4807-1/ADA4807-2/ADA4807-4 have a rail-to-rail
input stage with an input range that goes 200 mV beyond either
rail. A PNP transistor input pair is active for a majority of the
input range, while an NPN transistor input pair is active for the
common-mode voltages within 1.3 V of the positive rail. The
ADA4807-1/ADA4807-2/ADA4807-4 are fabricated using the
Analog Devices, Inc., third generation, extra fast complementary
bipolar (XFCB) process resulting in exceptionally good distortion,
noise, slew rate, and settling characteristics for 1 mA devices.
Given traditional rail-to-rail input architecture performance, the
input 1/f noise is surprisingly low, and the current noise is only
0.7 pA/√Hz for a 3 nV/√Hz voltage noise. Typical high slew rate
devices suffer from increased current noise because of input pair
degeneration and higher input stage current. The ADA4807-1/
ADA4807-2/ADA4807-4 exceed current benchmark parameters
given the performance of the XFCB process.
The multistage design of the ADA4807-1/ADA4807-2/
ADA4807-4 has excellent precision specifications, such as input
drift, offset, open-loop gain, CMRR, and PSRR. Typical harmonic
distortion numbers fall in the range of −130 dBc for a 10 kHz
fundamental (see the Distortion and Noise section). This level of
performance makes the ADA4807-1/ADA4807-2/ADA4807-4 the
best choices when driving 18-bit precision converters.
The ADA4807-1/ADA4807-2 are optimized for a low shutdown
current (4 μA maximum), in the order of a few microamperes. In
power sensitive applications, this can eliminate the use of a power
FET and enable time interleaved power saving operation schemes.
The rail-to-rail input stage is useful in many different applications.
Although the precision is reduced from input to input, many
applications can tolerate this loss when the alternative is no
functionality at all. The positive rail input range is indispensable
for servo loops with a high-side input range
The ADA4807-1/ADA4807-2/ADA4807-4 input operates 200 mV
beyond either rail. Internal protection circuitry prevents the output
from phase inverting when the input range is exceeded. When
the input exceeds a diode beyond either rail, internal electrostatic
discharge (ESD) protection diodes source or sink current through
the input.
DIFFERENTIAL
DRIVE
FROM
INPUT STAGE
Q37
Q47
Q21
Q20
Q51
Q27
Q68
Q44
Q42
Q48
Q49
Q50
Q43
VOUT
Q38
I1
I2
C9
C5
I5
I4
R29
Figure 62. Differential Drive from Input Stage
Q3
Q2
Q13
Q17
Q8
Q14
Q7
Q11
Q18
Q4
+VS
VIN
VIP
Q5
Q9
–VS
OUTPUT STAGE,
COMMON-MODE
FEEDBACK
VBIAS1
VBIAS2
R4
R2
R1
R3
I1
5µA
I2
1.3V
R5
Figure 63. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com