Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4807-2ACPZ-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4807-2ACPZ-R2
Description  3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4807-2ACPZ-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4807-2ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 25Page - Analog Devices ADA4807-2ACPZ-R2 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
ADA4807-1/ADA4807-2/ADA4807-4
Data Sheet
Rev. B | Page 22 of 33
OUTPUT CHARACTERISTICS
FREQUENCY (Hz)
0.1
1
10
100
0.1
1
10
100
1
10
100
1k
10k
100k
1M
10M
100M
CURRENT NOISE
VOLTAGE NOISE
VS RANGE = ±1.5V TO ±5V
PNP ACTIVE
Figure 52. Input Voltage Noise and Current Noise vs. Frequency,
VCM = 0 V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
102030405060708090
100
LOAD CURRENT (mA)
VS = ±2.5V
G = +1
–40°C
+25°C
+125°C
+85°C
Figure 53. Positive Rail Output Saturation Voltage (+VS – VOUT) vs.
Load Current for Various Temperatures
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
FREQUENCY (MHz)
VS = ±2.5V
DISABLE = +VS
Figure 54. Enabled Output Impedance vs. Frequency
FREQUENCY (Hz)
0.1
1
10
100
0.1
1
10
100
1
10
100
1k
10k
100k
1M
10M
100M
VOLTAGE NOISE
CURRENT NOISE
VS RANGE = ±1.5V TO ±5V
NPN ACTIVE
Figure 55. Input Voltage Noise and Current Noise vs. Frequency,
VCM = +VS − 0.5 V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
10203040506070
80
90
100
LOAD CURRENT (mA)
VS = ±2.5V
G = +1
–40°C
+25°C
+125°C
+85°C
Figure 56. Negative Rail Output Saturation Voltage (−VS + VOUT) vs.
Load Current for Various Temperatures
0.001
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
FREQUENCY (MHz)
VS = ±2.5V
DISABLE = –VS
Figure 57. Disabled Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com