Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9528 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9528
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9528 Datasheet HTML 35Page - Analog Devices AD9528 Datasheet HTML 36Page - Analog Devices AD9528 Datasheet HTML 37Page - Analog Devices AD9528 Datasheet HTML 38Page - Analog Devices AD9528 Datasheet HTML 39Page - Analog Devices AD9528 Datasheet HTML 40Page - Analog Devices AD9528 Datasheet HTML 41Page - Analog Devices AD9528 Datasheet HTML 42Page - Analog Devices AD9528 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
AD9528
Data Sheet
Rev. C | Page 38 of 67
I2C SERIAL PORT OPERATION
The I2C interface is popular because it requires only two pins
and easily supports multiple devices on the same bus. Its main
disadvantage is programming speed, which is 400 kbps
(maximum). The AD9528 I2C port design uses the I2C fast
mode; however, it supports both the 100 kHz standard mode
and 400 kHz fast mode.
The AD9528 does not strictly adhere to every requirement in
the original I2C specification. In particular, specifications such
as slew rate limiting and glitch filtering are not implemented.
Therefore, the AD9528 is I2C compatible, but may not be fully
I2C compliant.
The AD9528 I2C port consists of a serial data line (SDA) and a
serial clock line (SCL). In an I2C bus system, the AD9528 is
connected to the serial bus (data bus SDA and clock bus SCL) as
a slave device; that is, no clock is generated by the AD9528. The
AD9528 uses direct 16-bit memory addressing instead of more
common 8-bit memory addressing.
The AD9528 allows up to three unique slave devices to occupy
the I2C bus. These are accessed via a 7-bit slave address
transmitted as part of an I2C packet. Only the device with a
matching slave address responds to subsequent I2C commands.
Table 24 lists the supported device slave addresses.
I2C Bus Characteristics
A summary of the various I2C abbreviations appears in Table 28.
Table 28. I2C Bus Abbreviation Definitions
Abbreviation
Definition
S
Start
Sr
Repeated start
P
Stop
A
Acknowledge
A
No acknowledge
W
Write
R
Read
The transfer of data is shown in Figure 46. One clock pulse is
generated for each data bit transferred. The data on the SDA
line must be stable during the high period of the clock. The
high or low state of the data line can change only when the
clock signal on the SCL line is low.
Figure 46. Valid Bit Transfer
Start/stop functionality is shown in Figure 47. The start
condition is characterized by a high to low transition on the
SDA line while SCL is high. The master always generates the
start condition to initialize a data transfer. The stop condition is
characterized by a low to high transition on the SDA line while
SCL is high. The master always generates the stop condition to
terminate a data transfer. Every byte on the SDA line must be
eight bits long. Each byte must be followed by an acknowledge
bit; bytes are sent MSB first.
The acknowledge bit (A) is the ninth bit attached to any 8-bit
data byte. An acknowledge bit is always generated by the
receiving device (receiver) to inform the transmitter that the
byte has been received by pulling the SDA line low during the
ninth clock pulse after each 8-bit data byte.
The no acknowledge bit (A) is the ninth bit attached to any
8-bit data byte. A no acknowledge bit is always generated by the
receiving device (receiver) to inform the transmitter that the
byte has not been received by leaving the SDA line high during
the ninth clock pulse after each 8-bit data byte. After issuing a
no acknowledge bit, the AD9528 I2C state machine goes into an
idle state.
Data Transfer Process
The master initiates data transfer by asserting a start condition,
which indicates that a data stream follows. All I2C slave devices
connected to the serial bus respond to the start condition.
The master then sends an 8-bit address byte over the SDA line,
consisting of a 7-bit slave address (MSB first) plus an R/W bit.
This bit determines the direction of the data transfer, that is,
whether data is written to or read from the slave device (0 =
write and 1 = read).
The peripheral whose address corresponds to the transmitted
address responds by sending an acknowledge bit. All other
devices on the bus remain idle while the selected device waits
for data to be read from or written to it. If the R/W bit is 0, the
master (transmitter) writes to the slave device (receiver). If the
R/W bit is 1, the master (receiver) reads from the slave device
(transmitter).
The format for these commands is described in the Data
Transfer Format section.
Data is then sent over the serial bus in the format of nine clock
pulses, one data byte (eight bits) from either master (write
mode) or slave (read mode) followed by an acknowledge bit
from the receiving device. The number of bytes that can be
transmitted per transfer is unrestricted. In write mode, the first
two data bytes immediately after the slave address byte are the
internal memory (control registers) address bytes, with the high
address byte first. This addressing scheme gives a memory
address of up to 216 − 1 = 65,535. The data bytes after these two
memory address bytes are register data written to the control
registers. In read mode, the data bytes after the slave address
byte are register data written to or read from the control
registers.
DATA LINE
STABLE;
DATA VALID
CHANGE
OF DATA
ALLOWED
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com