Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9528 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9528
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9528 Datasheet HTML 29Page - Analog Devices AD9528 Datasheet HTML 30Page - Analog Devices AD9528 Datasheet HTML 31Page - Analog Devices AD9528 Datasheet HTML 32Page - Analog Devices AD9528 Datasheet HTML 33Page - Analog Devices AD9528 Datasheet HTML 34Page - Analog Devices AD9528 Datasheet HTML 35Page - Analog Devices AD9528 Datasheet HTML 36Page - Analog Devices AD9528 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
AD9528
Data Sheet
Rev. C | Page 32 of 67
SYSREF OPERATION
The AD9528 supports the JESD204B standard for synchronizing
high speed converters and logic devices such as FPGAs by
providing paired device clock and SYSREF clock signals. The
SYSREF clock or device clock can be distributed to any one or
more of the 14 outputs via the clock distribution section within
the AD9528. After the SYSREF clock reaches the clock distribution
section, programmable digital coarse delay and/or analog fine
delay is available to adjust timing between the SYSREF clock
with respect to the device clock. The delay establishes proper
setup and hold timing downstream between device clock and
SYSREF clock at the inputs of the converter(s) or logic device(s).
SYSREF SIGNAL PATH
The AD9528 provides two sources for the purpose of generating
a SYSREF signal. The first source is a user provided external
SYSREF clock signal applied to SYSREF_IN and SYSREF_IN
(Pin 70 and Pin 71, respectively). The second source is an
internal SYSREF generation circuit that enables the user to
specify an internally generated pulse pattern. There are three
modes of operation associated with the two sources as defined
by Register 0x0403, Bits[7:6].
•
00 = Mode 1 (external SYSREF)
•
01 = Mode 2 (external SYSREF resampled by the VCXO or
PLL2 feedback divider)
•
1x = Mode 3 (internally generated SYSREF).
SYSREF Mode 1: External
Figure 37 shows the SYSREF clock path with Mode 1 selected.
Apply an external SYSREF clock signal to the SYSREF_IN
and/or SYSREF_IN pin(s). A single-ended signal may be
applied to either pin separately or a differential signal may be
applied across both pins. Note that the SYSREF_REQ pin and
Bit 0 of Register 0x0403 (SPI SYSREF Request) are unused in
Mode 1.
Figure 37. Mode 1, Routes the External SYSREF Directly to the Clock Distribution Output(s)
CONTROL
INTERFACE
(SPI AND I2C)
SYSREF GENERATION
TO
CLOCK
DISTRIBUTION
SPI SYSREF
REQUEST
LOCK
DETECT
SYSREF
GENERATION
TRIGGER
AD9528
VCXO_IN PLL2 DIVIDER
SYSREF_REQ
D Q
D Q
D Q
SYSREF_IN
SYSREF_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com