Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9528 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9528
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9528 Datasheet HTML 27Page - Analog Devices AD9528 Datasheet HTML 28Page - Analog Devices AD9528 Datasheet HTML 29Page - Analog Devices AD9528 Datasheet HTML 30Page - Analog Devices AD9528 Datasheet HTML 31Page - Analog Devices AD9528 Datasheet HTML 32Page - Analog Devices AD9528 Datasheet HTML 33Page - Analog Devices AD9528 Datasheet HTML 34Page - Analog Devices AD9528 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
AD9528
Data Sheet
Rev. C | Page 30 of 67
Figure 32. Clock Distribution Paths for PLL1, PLL2, and SYSREF
Frequency Sources
The following are various channel limitations, depending on the
channel configuration:
•
Analog fine delay is supported for all channels, regardless
of the input frequency source selected.
•
Digital coarse delay is only supported when the channel
divider is used. When SYSREF is used as the frequency
source, the signal must be retimed by the output of the
channel divider to use the digital coarse delay.
•
Output channel synchronization is performed by
synchronously resetting the 8-bit channel divider via the
sync outputs bit in Register 0x032A, Bit 0. Therefore, the
8-bit divider path must be used to support synchronization. If
SYSREF is the frequency source to an output, the SYSREF
signal must be resampled by the output of the channel
divider for a SYNC to occur.
Clock Dividers
The output clock distribution dividers are referred to as D0 to
D13, corresponding to output channels OUT0 through OUT13,
respectively. Each divider is programmable with 8 bits of
precision equal to any number from 1 through 256. Dividers
have duty cycle correction set to provide nominal 50% duty
cycle, even for odd divides. Note that a sync output command
must be issued after changing the divide value to ensure the
intended divide ratio occurs at the channel output(s).
Digital Coarse Delay
The AD9528 supports programmable phase offsets from 0 to 63
steps (6 bits) in half period increments of the RF VCO divider
output frequency. Note that a sync output command must be
issued after the new phase offset(s) are programmed to ensure
the intended phase offset occurs at the channel output(s). This
is accomplished by programming the new phase offset and then
issuing a sync command via Register 0x032A, Bit 0. All outputs
are disabled temporarily while the sync is active, unless the
channel is programmed to ignore the sync command. The ignore
sync command for each channel is controlled via Register 0x032B
and Register 0x032C.
Analog Fine Delay
Each channel includes a 4-bit fine analog delay block intended
to provide substantially smaller delay steps compared to the half
cycle of the RF VCO divider output. The fine analog delay enable
bit in each channel activates the fine delay path; when the enable
bit is asserted with the four delay bits = 0000, the minimum
insertion delay is nominally 425 ps. Full-scale delay = 1111 adds
another 496 ps of additional delay. The average fine delay
resolution step is approximately 31 ps.
Output Channel Power-Down
Each output channel has independent power-down control via
Register 0x0501 and Register 0x0502. The total device power is
reduced with each channel powered down, keeping the output
static until the user is ready to disable the channel power-down
control. In addition, Register 0x0503 and Register 0x0504 offer
additional power savings via LDO power-down control for each
channel output.
Output Drivers
Each channel and corresponding output driver has a dedicated
internal LDO to power both the channel and output driver. The
equivalent output driver circuits are shown in Figure 33 and
Figure 34. The output driver design supports a common
external 100 Ω differential resistor for both HSTL and LVDS
driver modes. In LVDS mode, a current of 3.5 mA causes a
350 mV peak voltage across the 100 Ω load resistor. In LVDS
boost mode, a current of 4.5 mA causes a 450 mV peak voltage
across the 100 Ω load resistor. Similarly, in HSTL mode, a
current of 9 mA causes a 900 mV peak voltage across the 100 Ω
load resistor.
Figure 33. LVDS Output Driver
Figure 34. HSTL Output Driver
CLOCK DISTRIBUTION
PLL1
PLL2
SYSREF
8-BIT DIVIDER
WITH
COARSE DELAY
SYNC
D
OUTx
OUTx
Q
FINE
DELAY
CM
VREG = 1.8V
LVDS
COMMON MODE
CIRCUIT
1.25V LVDS
CM
3.5mA/4.5mA
100Ω
LOAD
+
–
P
OUT
OUT
N
N
P
VREG = 1.8V
50Ω
100Ω
LOAD
+
–
P
OUT
OUT
N
N
P
50Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com