Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9528 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9528
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9528 Datasheet HTML 15Page - Analog Devices AD9528 Datasheet HTML 16Page - Analog Devices AD9528 Datasheet HTML 17Page - Analog Devices AD9528 Datasheet HTML 18Page - Analog Devices AD9528 Datasheet HTML 19Page - Analog Devices AD9528 Datasheet HTML 20Page - Analog Devices AD9528 Datasheet HTML 21Page - Analog Devices AD9528 Datasheet HTML 22Page - Analog Devices AD9528 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
AD9528
Data Sheet
Rev. C | Page 18 of 67
Pin
No.
Mnemonic
Type1
Description
64
OUT1
O
Square Wave Clocking Output 1. High speed output up to 1.25 GHz.
65
OUT1
O
Complementary Square Wave Clocking Output 1. High speed output up to 1.25 GHz.
66
VDD1
P
3.3 V Supply for the Output 1 Clock Driver.
67
OUT0
O
Square Wave Clocking Output 0.
68
OUT0
O
Complementary Square Wave Clocking Output 0.
69
VDD0
P
3.3 V Supply for the Output 0 Clock Divider.
70
SYSREF_IN
I
External SYSREF Input Clock. Along with SYSREF_IN, this pin is the differential input for an external
SYSREF signal. Alternatively, this pin can be programmed as a single-ended 3.3 V CMOS input.
71
SYSREF_IN
I
Complementary External SYSREF Input Clock. Along with SYSREF_IN, this pin is the differential input
for an external SYSREF signal. Alternatively, this pin can be programmed as a single-ended 3.3 V
CMOS input.
72
VDD
P
3.3 V Supply for the PLL1 Input Section.
EP
EP, GND
GND
Exposed Pad. The exposed pad is the ground connection on the chip. It must be soldered to the
analog ground of the printed circuit board (PCB) to ensure proper functionality and heat dissipation,
noise, and mechanical strength benefits.
1 P means power, I means input, O means output, I/O means input/output, P/O means power/output, and GND means ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com