Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9528 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9528
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9528 Datasheet HTML 13Page - Analog Devices AD9528 Datasheet HTML 14Page - Analog Devices AD9528 Datasheet HTML 15Page - Analog Devices AD9528 Datasheet HTML 16Page - Analog Devices AD9528 Datasheet HTML 17Page - Analog Devices AD9528 Datasheet HTML 18Page - Analog Devices AD9528 Datasheet HTML 19Page - Analog Devices AD9528 Datasheet HTML 20Page - Analog Devices AD9528 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
AD9528
Data Sheet
Rev. C | Page 16 of 67
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Pin Configuration
Table 21. Pin Function Descriptions
Pin
No.
Mnemonic
Type1
Description
1
VDD
P
3.3 V Supply for the PLL1 Input Section.
2
REFA
I
Reference Clock Input A. Along with REFA, this pin is the differential input for the PLL reference.
Alternatively, this pin can be programmed as a single-ended 3.3 V CMOS input.
3
REFA
I
Complementary Reference Clock Input A. Along with REFA, this pin is the differential input for the
PLL reference. Alternatively, this pin can be programmed as a single-ended 3.3 V CMOS input.
4
REF_SEL
I
Reference Input Select. The reference input selection function defaults to software control via
internal Register 0x010A, Bits[2:0]. When the REF_SEL pin is active, a logic low selects REFA and logic
high selects REFB.
5
REFB
I
Reference Clock Input B. Along with REFB, this pin is the differential input for the PLL reference.
Alternatively, this pin can be programmed as a single-ended 3.3 V CMOS input.
6
REFB
I
Complementary Reference Clock Input B. Along with REFB, this pin is the differential input for the PLL
reference. Alternatively, this pin can be programmed as a single-ended 3.3 V CMOS input.
7
LF1
O
PLL1 External Loop Filter.
8
VCXO_VT
O
VCXO Control Voltage. Connect this pin to the voltage control pin of the external VCXO.
9
NIC
NIC
No Internal Connection. The pin can be left floating.
10
VDD
P
3.3 V Supply for the PLL2 Section.
11
VCXO_IN
I
PLL1 Oscillator Input. Along with VCXO_IN, this pin is the differential input for the PLL reference.
Alternatively, this pin can be programmed as a single-ended 3.3 V CMOS input.
12
VCXO_IN
I
Complementary PLL1 Oscillator Input. Along with VCXO_IN, this pin is the differential input for the
PLL reference. Alternatively, this pin can be programmed as a single-ended 3.3 V CMOS input.
13
NIC
NIC
No Internal Connection. The pin can be left floating.
14
LF2_CAP
O
PLL2 External Loop Filter Capacitor Connection. Connect capacitor between this pin and the
LDO_VCO pin.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VDD
REFA
REFA
REF_SEL
REFB
REFB
LF1
VCXO_VT
NIC
VDD
VCXO_IN
VCXO_IN
NIC
LF2_CAP
LDO_VCO
VDD
17
NIC
18
NIC
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
VDD4
OUT4
OUT4
VDD5
OUT5
OUT5
VDD6
OUT6
OUT6
VDD7
OUT7
OUT7
VDD8
OUT8
OUT8
VDD9
OUT9
OUT9
NOTES
1. NIC = NO INTERNAL CONNECTION. THIS PIN CAN BE LEFT FLOATING.
2. THE EXPOSED PAD IS THE GROUND CONNECTION ON THE CHIP.
IT MUST BE SOLDERED TO THE ANALOG GROUND OF THE PCB TO ENSURE
PROPER FUNCTIONALITY AND HEAT DISSIPATION, NOISE, AND MECHANICAL
STRENGTH BENEFITS.
AD9528
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com