Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9528 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9528
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9528 Datasheet HTML 48Page - Analog Devices AD9528 Datasheet HTML 49Page - Analog Devices AD9528 Datasheet HTML 50Page - Analog Devices AD9528 Datasheet HTML 51Page - Analog Devices AD9528 Datasheet HTML 52Page - Analog Devices AD9528 Datasheet HTML 53Page - Analog Devices AD9528 Datasheet HTML 54Page - Analog Devices AD9528 Datasheet HTML 55Page - Analog Devices AD9528 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
Data Sheet
AD9528
Rev. C | Page 51 of 67
Addr
(Hex)
Register Name
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
Power-Down Control
0x0500
Power-down control
enable
Reserved
Bias generation
power-down
disable
or power-down
PLL2 power-
down enable
PLL1 power-
down enable
Clock
distribution
power-down
enable
Chip power-
down enable
0x10
0x0501
Output channel
power down enable
Channel 7
power-down
Channel 6
power-down
Channel 5
power-down
Channel 4
power-down
Channel 3
power-down
Channel 2
power-down
Channel 1
power-down
Channel 0
power-down
0x00
0x0502
Reserved
Channel 13
power-down
Channel 12
power-down
Channel 11
power-down
Channel 10
power-down
Channel 9
power-down
Channel 8
power-down
0x00
0x0503
LDO regulator enable Channel 7
LDO enable
Channel 6
LDO enable
Channel 5
LDO enable
Channel 4 LDO
enable
Channel 3
LDO enable
Channel 2
LDO enable
Channel 1
LDO enable
Channel 0
LDO enable
0xFF
0x0504
PLL2 LDO
enable
PLL1 LDO
enable
Channel 13
LDO enable
Channel 12
LDO enable
Channel 11
LDO enable
Channel 10
LDO enable
Channel 9
LDO enable
Channel 8
LDO enable
0xFF
Status and Status Readback5
0x0505
Status control signals
Status Monitor 0 Control, Bits[7:0]
0x00
0x0506
Status Monitor 1 Control, Bits[7:0]
0x00
0x0507
Status pin enable and
status divider enable
Reserved
STATUS1 pin
output enable
STATUS0 pin
output enable
STATUS0
divider enable
STATUS1
divider enable
0x00
0x0508
Status Readback 0
PLL2 feedback
status
PLL1 feedback
status
VCXO status
Both
REFA/REFB
missing
REFB status
REFA status
PLL2 locked
status
PLL1 locked
status
0x00
0x0509
Status Readback 1
Reserved
Holdover
active status
Selected
reference
Fast lock in
progress
VCO
calibration
busy status
0x00
1 The soft reset bits (Bit 0 and Bit 7) are logically AND gated internally; therefore, set or clear both bits together.
2 The LSB first bits (Bit 1 and Bit 6) are logically AND gated internally; therefore, set or clear both bits together.
3 The address ascension bits (Bit 2 and Bit 5) are logically AND gated internally; therefore, set or clear both bits together.
4 The SDO active bits (Bit 3 and Bit 4) are logically AND gated internally; therefore, set or clear both bits together.
5 Register 0x0505, Register 0x0506, and Register 0x0507 are control status pins as notated by bit names 0x0505 (Status 0) and 0x0506 (Status 1). Register 0x0508 and
Register 0x0509 are for readback via SPI/I2C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com