Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9528 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9528
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528 Datasheet(HTML) 1 Page - Analog Devices

  AD9528 Datasheet HTML 1Page - Analog Devices AD9528 Datasheet HTML 2Page - Analog Devices AD9528 Datasheet HTML 3Page - Analog Devices AD9528 Datasheet HTML 4Page - Analog Devices AD9528 Datasheet HTML 5Page - Analog Devices AD9528 Datasheet HTML 6Page - Analog Devices AD9528 Datasheet HTML 7Page - Analog Devices AD9528 Datasheet HTML 8Page - Analog Devices AD9528 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
JESD204B Clock Generator with
14 LVDS/HSTL Outputs
Data Sheet
AD9528
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rightsofthird partiesthatmayresult fromits use. Specificationssubject to change withoutnotice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
14 outputs configurable for HSTL or LVDS
Maximum output frequency
2 outputs up to 1.25 GHz
12 outputs up to 1 GHz
Dependent on the voltage controlled crystal oscillator
(VCXO) frequency accuracy (start-up frequency accuracy:
<±100 ppm)
Dedicated 8-bit dividers on each output
Coarse delay: 63 steps at 1/2 the period of the RF VCO
divider output frequency with no jitter impact
Fine delay: 15 steps of 31 ps resolution
Typical output to output skew: 20 ps
Duty cycle correction for odd divider settings
Output 12 and Output 13, VCXO output at power up
Absolute output jitter: <160 fs at 122.88 MHz, 12 kHz to
20 MHz integration range
Digital frequency lock detect
SPI- and I2C-compatible serial control port
Dual PLL architecture
PLL1
Provides reference input clock cleanup with external VCXO
Phase detector rate up to 110 MHz
Redundant reference inputs
Automatic and manual reference switchover modes
Revertive and nonrevertive switching
Loss of reference detection with holdover mode
Low noise LVDS/HSTL outputs from VCXO used for radio
frequency/intermediate frequency (RF/IF) synthesizers
PLL2
Phase detector rate of up to 275 MHz
Integrated low noise VCO
APPLICATIONS
High performance wireless transceivers
LTE and multicarrier GSM base stations
Wireless and broadband infrastructure
Medical instrumentation
Clocking high speed ADCs, DACs, DDSs, DDCs, DUCs, MxFEs;
supports JESD204B
Low jitter, low phase noise clock distribution
ATE and high performance instrumentation
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The AD9528 is a two-stage PLL with an integrated JESD204B
SYSREF generator for multiple device synchronization. The first
stage phase-locked loop (PLL) (PLL1) provides input reference
conditioning by reducing the jitter present on a system clock.
The second stage PLL (PLL2) provides high frequency clocks
that achieve low integrated jitter as well as low broadband noise
from the clock output drivers. The external VCXO provides the
low noise reference required by PLL2 to achieve the restrictive
phase noise and jitter requirements necessary to achieve acceptable
performance. The on-chip VCO tunes from 3.450 GHz to
4.025 GHz. The integrated SYSREF generator outputs single
shot, N-shot, or continuous signals synchronous to the PLL1
and PLL2 outputs to time align multiple devices.
The AD9528 generates two outputs (Output 1 and Output 2)
with a maximum frequency of 1.25 GHz, and 12 outputs up to
1 GHz. Each output can be configured to output directly from
PLL1, PLL2, or the internal SYSREF generator. Each of the 14
output channels contains a divider with coarse digital phase
adjustment and an analog fine phase delay block that allows
complete flexibility in timing alignment across all 14 outputs.
The AD9528 can also be used as a dual input flexible buffer to
distribute 14 device clock and/or SYSREF signals. At power-up,
the AD9528 sends the VCXO signal directly to Output 12 and
Output 13 to serve as the power-up ready clocks.
Note that, throughout this data sheet, the dual function pin
names are referenced by the relevant function where applicable.
PLL1
REFA
REFB
REF_SEL
CONTROL
INTERFACE
(SPI AND I2C)
PLL2
SYSREF
JESD204B
AD9528
CLOCK
DISTRIBUTION
14 OUTPUTS
SYSREF_REQ
VXCO_IN
OUT0/
OUT0
OUT13/
OUT13
÷
Ø
÷
Ø


Similar Part No. - AD9528

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9528 AD-AD9528 Datasheet
1Mb / 67P
JESD204B Clock Generator with 14 LVDS/HSTL Outputs
10/2014-Revision 0
AD9528BCPZ AD-AD9528BCPZ Datasheet
1Mb / 67P
JESD204B Clock Generator with 14 LVDS/HSTL Outputs
10/2014-Revision 0
AD9528BCPZ-REEL7 AD-AD9528BCPZ-REEL7 Datasheet
1Mb / 67P
JESD204B Clock Generator with 14 LVDS/HSTL Outputs
10/2014-Revision 0
AD9528 AD-AD9528_18 Datasheet
1Mb / 67P
JESD204B Clock Generator with 14 LVDS/HSTL Outputs
10/2014-Revision 0
More results

Similar Description - AD9528

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S12I IDT-ICS853S12I Datasheet
336Kb / 17P
Maximum output frequency
ICS859S0412I IDT-ICS859S0412I Datasheet
679Kb / 23P
Maximum output frequency
83054 IDT-83054 Datasheet
170Kb / 14P
Maximum output frequency
83056 IDT-83056 Datasheet
167Kb / 15P
Maximum output frequency
83918 IDT-83918 Datasheet
266Kb / 19P
Maximum output frequency
83940D IDT-83940D Datasheet
220Kb / 16P
Maximum output frequency
83947 IDT-83947 Datasheet
122Kb / 10P
Maximum output frequency
ICS853S012I IDT-ICS853S012I Datasheet
476Kb / 22P
Maximum output frequency
ICS853S54I IDT-ICS853S54I Datasheet
478Kb / 21P
Maximum output frequency
ICS8530-01 IDT-ICS8530-01 Datasheet
149Kb / 17P
Maximum output frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com