Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM350 Datasheet(PDF) 37 Page - Analog Devices

Part # ADUCM350
Description  16-Bit Precision, Low Power Meter On A
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM350 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADUCM350 Datasheet HTML 33Page - Analog Devices ADUCM350 Datasheet HTML 34Page - Analog Devices ADUCM350 Datasheet HTML 35Page - Analog Devices ADUCM350 Datasheet HTML 36Page - Analog Devices ADUCM350 Datasheet HTML 37Page - Analog Devices ADUCM350 Datasheet HTML 38Page - Analog Devices ADUCM350 Datasheet HTML 39Page - Analog Devices ADUCM350 Datasheet HTML 40Page - Analog Devices ADUCM350 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
ADuCM350
Data Sheet
Rev. A | Page 36 of 40
Type A and Type B, and 9-bit (Option 1) and 8-bit (Option 3)
serial interfaces for Type C.
By using the display controller, the depth on various interfaces
is as follows:
• 8-bit interface is 8, 12, or 16 bits per pixel (not 18 or 24).
• 9-bit interface is 18 bits per pixel (not 8, 12, 16, or 24).
• 16-bit interface is 8, 12, or 16 bits per pixel (not 18 or 24).
AUDIO OPTIONS
The ADuCM350 has an integrated audio driver for beeper and
an integrated I2S port.
Beeper
The beeper driver module in the ADuCM350 generates a
differential square wave of programmable frequency. It drives
an external piezoelectric sound component whose two
terminals connect to the differential square wave output.
The beeper driver consists of a module that can deliver
frequencies from 8 kHz to ~0.25 kHz. It operates on a fixed
independent 32 kHz (32,768 Hz) clock source that is unaffected
by changes in system clocks.
A timer allows for programmable tone durations from 4 ms to
1.02 sec in 4 ms increments. Single-tone (pulse) and multitone
(sequence) modes provide versatile playback options.
In sequence mode, the beeper can be programmed to play any
number of tone pairs from 1 to 254 (2 to 508 tones) or be
programmed to play forever (until stopped by the user).
Interrupts are available to indicate the start or end of any beep,
the end of a sequence, or that the sequence is nearing
completion.
I2S
The device supports I2S. The purpose of the I2S port is to
provide audio data to an amplifier, which drives a small
speaker. The I2S features available on the ADuCM350 include
the following:
• Data samples of up to 24 bits.
• Frame clocks from 8 kHz to 192 kHz.
• Master/slave mode.
• 8-deep Tx FIFOs.
• DMA mode with address autoincrement.
• Interrupt mode.
• Downsampling transfers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com