Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM350 Datasheet(PDF) 8 Page - Analog Devices

Part # ADUCM350
Description  16-Bit Precision, Low Power Meter On A
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM350 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADUCM350 Datasheet HTML 4Page - Analog Devices ADUCM350 Datasheet HTML 5Page - Analog Devices ADUCM350 Datasheet HTML 6Page - Analog Devices ADUCM350 Datasheet HTML 7Page - Analog Devices ADUCM350 Datasheet HTML 8Page - Analog Devices ADUCM350 Datasheet HTML 9Page - Analog Devices ADUCM350 Datasheet HTML 10Page - Analog Devices ADUCM350 Datasheet HTML 11Page - Analog Devices ADUCM350 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Data Sheet
ADuCM350
Rev. A | Page 7 of 40
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CapDAC Resolution
0.1
pF
Output Noise
Peak-to-Peak
8
Codes
RMS
1.3
Codes
DFT-BASED IMPEDANCE MEASUREMENTS
Table 9. DFT-Based Impedance Measurements1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
IMPEDANCE
Accuracy2
Magnitude
0.33
%
Standard deviation as a percent of Z
Phase
0.17
Degrees
Standard deviation of Z
Precision3
Magnitude
0.17
%
Standard deviation as a percent of Z
Phase
0.08
Degrees
Standard deviation of Z
1
For a Z of 181 Ω (0.02% tolerant resistor). Excitation frequency = 20 kHz, sine amplitude = 9 mVRMS, RCAL = 1 kΩ, RTIA = 7.5 kΩ, CTIA = 220 pF. Measurements at 25°C. Single
DFT measurement.
2
Device-to-device repeatability for 1000 devices.
3
Single device, repeatable measurements.
DIGITAL PLATFORM
Digital LDO
Table 10. Digital LDO Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT VOLTAGE
1.71
1.8
1.89
V
Measured with a CLOAD = 0.47 µF,
measured with a 10 mA load current on
DVDD
DROPOUT
150
200
mV
10 mA load applied, no AFE blocks
enabled
REGULATION
Line
1.4
mV/V
10 mA load current on DVDD
Load
0.41
mV/mA
0 mA to 10 mA load current
POWER-UP TIME
42
µs
Time taken from LDO enable to when LDO
voltage is within specification, CLOAD =
0.47 µF, regulator unloaded
Low Power LDO
Table 11. Low Power LDO Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT VOLTAGE
1.71
1.8
1.89
V
REGULATION
Line
0.45
mV/V
VCCM = 2.0 V to 3.6 V
Load
28.5
mV/mA
0 µA to 100 µA load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com