Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM350 Datasheet(PDF) 28 Page - Analog Devices

Part # ADUCM350
Description  16-Bit Precision, Low Power Meter On A
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM350 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADUCM350 Datasheet HTML 24Page - Analog Devices ADUCM350 Datasheet HTML 25Page - Analog Devices ADUCM350 Datasheet HTML 26Page - Analog Devices ADUCM350 Datasheet HTML 27Page - Analog Devices ADUCM350 Datasheet HTML 28Page - Analog Devices ADUCM350 Datasheet HTML 29Page - Analog Devices ADUCM350 Datasheet HTML 30Page - Analog Devices ADUCM350 Datasheet HTML 31Page - Analog Devices ADUCM350 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Data Sheet
ADuCM350
Rev. A | Page 27 of 40
Figure 22. ADC AN_A INL (16-Bit) vs. Code (Temperature)
Figure 23. ADC AN_A DNL (16-Bit) vs. Code (Temperature)
Figure 24. Receive Channel Antialias Filter Roll-Off
Figure 25. DAC INL (12-Bit) vs. Code
Figure 26. DAC DNL (12-Bit) vs. Code
Figure 27. Noise Spectral Density
17510
22510
27510
32510
37510
42510
47510
CODE
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
50°C
25°C
0°C
VCCM = 3.0V
17510
22510
27510
32510
37510
42510
47510
CODE
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
50°C
25°C
0°C
VCCM = 3.0V
–18
–15
–12
–9
–6
–3
0
1k
10k
100k
FREQUENCY (Hz)
3.6V
3.0V
2.4V
–0.6
–1.0
–0.8
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
500
1000
1500
2000
CODE
2500
3000
3500
4000
MEASURED ACROSS RCAL
ATTEN OFF
COMP OFF
DAC CODE 0x200 TO 0xE00
2.5V
3.0V
3.6V
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
500
1000
1500
2000
2500
3000
3500
4000
CODE
MEASURED ACROSS RCAL
ATTEN OFF
COMP OFF
DAC CODE 0x200 TO 0xE00
2.5V
3.0V
3.6V
0.01
0.1
1
10
100
1
10
100
1k
10k
100k
DAC CODE = 0x800 (MIDSCALE)
VCCM = 3.3V
MEASURED AT RCAL
DAC_ATTEN_EN = 0
DAC_ATTEN_EN = 1
FREQUENCY (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com