Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM350 Datasheet(PDF) 21 Page - Analog Devices

Part # ADUCM350
Description  16-Bit Precision, Low Power Meter On A
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM350 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADUCM350 Datasheet HTML 17Page - Analog Devices ADUCM350 Datasheet HTML 18Page - Analog Devices ADUCM350 Datasheet HTML 19Page - Analog Devices ADUCM350 Datasheet HTML 20Page - Analog Devices ADUCM350 Datasheet HTML 21Page - Analog Devices ADUCM350 Datasheet HTML 22Page - Analog Devices ADUCM350 Datasheet HTML 23Page - Analog Devices ADUCM350 Datasheet HTML 24Page - Analog Devices ADUCM350 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
ADuCM350
Data Sheet
Rev. A | Page 20 of 40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 9. Bump Location (Top View Looking Through Device, Bumps Not to Scale)
Table 35. Pin Function Descriptions
Pin No.
Mnemonic
I/O1
I/O Supply2
GPIO
Pull-Up/Down2
Description
Power and Ground
P4
VCCM_ANA
S
VCCM_ANA
N/A
Battery Connection and Analog Circuit Power.
Connect VCCM_ANA to the CR2032 battery.
VCCM_ANA powers the analog circuits. This
pin is connected to VCCM_DIG internally.
H6
VCCM_DIG
S
VCCM_DIG
N/A
Battery Connection and Digital Circuit Power.
Connect VCCM_DIG to the CR2032 battery.
VCCM_DIG powers the digital circuits. This pin
is connected to VCCM_ANA internally.
G2
VBUS
S
VBUS
N/A
5 V USB Supply Voltage.
M1
VBACK
S
VBACK
N/A
RTC Supply. Connect VBACK to the super
capacitor.
H15
VDD_IO
S
VDD_IO
N/A
VDD_IO Supply.
E1
VUSB
A
VUSB
N/A
Regulated USB 3.6 V Supply.
R10
VREF
A
N/A
N/A
1.8 V Reference Voltage Decoupling Capacitor
Pin.
P10
VBIAS
A
N/A
N/A
1.1 V Bias Voltage Decoupling Capacitor Pin.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TIA_O
TIA_I
AFE 7
AFE 5
AFE 3
AFE 2
AFE 1
RCAL 2
RCAL 1
AN_B
AN_C
VBIAS
VREF
AFE 8
AFE 6
AFE 4
AVDD_RX/
AVDD_TX
VCCM_
ANA
AN_A
AN_D
REF_
EXCITE
AGND_RX/
AGND_TX
AGND
CTOUCH
P3.7/URX/
TOUTC/
SPI1_CS
P3.6/UTX/
TOUTB/
SPI1_MOSI
P3.4/
I2CSCL/
SPI1_SCLK
P3.1/
SPI0_MISO
P0.14/
SPIH_MOSI
P0.12/
SPIH_SCLK
P0.2/
CAPT_C
P0.3/
CAPT_D
DGND
P3.5/
I2CSD/
SPI1_MISO
RESETX
AGND_REF
P0.4/
CAPT_E
P0.1/
CAPT_B
P3.0/
SPI0_SCLK
P3.14/
LRCLK
P3.13/
BEEPX/
SDATA
P3.12/
BEEP/
BMCLK
DGND
USB
P0.0/
CAPT_A
P0.5/
CAPT_F
P3.11/S32
P3.10/S31
P3.9/S30
P3.8/S29
P2.15/S28
VCCM_
DIG
P2.7/S20/
TOUTA
P2.9/S22
P2.10/S23
P2.11/S24 P2.12/S25
P2.13/S26
P2.14/S27
P2.6/
S19/TE
P1.15/
S18/D15
P1.14/
S17/D14
P1.13/
S16/D13
P1.12/
S15/D12
P1.11/
S14/D11
P1.10/
S13/D10
P1.9/S12/
D9
DGND2/
LCD_GND
P1.3/S6/
D3
P1.4/S7/
D4
P1.5/S8/
D5
P1.6/S9/
D6
P1.7/S10/
D7
P1.8/S11/
D8
P2.3/
COM3/
DCX
P2.2/
COM2/
CSX
V_LCD_23
P1.2/S5/
D2/DIN
P1.1/S4/
D1/DOUT
P1.0/S3/
D0/SCL
P2.5/S2/
ECLOCK-
WRX
P2.4/S1/
RWX-RDX
P2.1/
COM1/
RESX
P2.0/
COM0
P2.8/S21
DGND1
DNC
P3.3/
SPI0_CS
P3.2/
SPI0_MOSI
VDD_IO
TRACECLK
TRACE0
TRACE2
TRACE3
TRACE1
TRST
LF_XTAL1
P0.11
P0.15/
SPIH_CS
TCK-
SWCLK/
P0.9
TMS-
SWDIO/
P0.8
LF_XTAL2
P0.13/
SPIH_MISO
TDO-SWO/
P0.6/UTX
P0.10/
TOUTC
P4.2/
TOUTB
P4.1/
I2CSD
TDI/P0.7/
URX
P4.0/
I2CSCL
VBACK
VBUS
USB DP
VUSB
USB DM
VLCDVDD
HF_XTAL2
V_LCD_13
HF_XTAL1
VLCD FLY2
VLCD FLY1
DVDD
BOOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com