Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM350 Datasheet(PDF) 22 Page - Analog Devices

Part # ADUCM350
Description  16-Bit Precision, Low Power Meter On A
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM350 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADUCM350 Datasheet HTML 18Page - Analog Devices ADUCM350 Datasheet HTML 19Page - Analog Devices ADUCM350 Datasheet HTML 20Page - Analog Devices ADUCM350 Datasheet HTML 21Page - Analog Devices ADUCM350 Datasheet HTML 22Page - Analog Devices ADUCM350 Datasheet HTML 23Page - Analog Devices ADUCM350 Datasheet HTML 24Page - Analog Devices ADUCM350 Datasheet HTML 25Page - Analog Devices ADUCM350 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Data Sheet
ADuCM350
Rev. A | Page 21 of 40
Pin No.
Mnemonic
I/O1
I/O Supply2
GPIO
Pull-Up/Down2
Description
K1
DVDD
A
N/A
N/A
1.8 V Digital Regulator Decoupling Capacitor Pin.
R4
AVDD_RX/AVDD_TX
A
AVDD TX/RX
N/A
1.8 V Analog Regulator Decoupling Capacitor
Pin for Receiver (Rx)/Transmitter (Tx) Circuits.
K9
AGND_RX/AGND_TX
G
N/A
N/A
Rx/Tx Analog Ground.
K10
AGND_REF
G
N/A
N/A
Reference Ground.
H14
DGND
G
N/A
N/A
Digital Ground.
G6
DGND1
G
N/A
N/A
Digital Ground.
F7
DGND2/LCD_GND
G
N/A
N/A
Digital Ground/Ground for LCD.
F6
DGND USB
G
N/A
N/A
USB Ground. Connect DGND USB to the
digital ground plane.
AFE Pins
P12
AN_A
A
VCCM_ANA
N/A
ADC Mux Input.
P13
AN_B
A
VCCM_ANA
N/A
ADC Mux Input.
R13
AN_C
A
VCCM_ANA
N/A
ADC Mux Input.
R14
AN_D
A
VCCM_ANA
N/A
ADC Mux Input.
P5
RCAL 1
A
VCCM_ANA
N/A
Terminal A of Calibration Resistor. Connect
RCAL 1 to the switch matrix.
R5
RCAL 2
A
VCCM_ANA
N/A
Terminal B of Calibration Resistor. Connect
RCAL 2 to the switch matrix.
R6
AFE 1
A
VCCM_ANA
N/A
Uncommitted AFE Pin 1.
P6
AFE 2
A
VCCM_ANA
N/A
Uncommitted AFE Pin 2.
R7
AFE 3
A
VCCM_ANA
N/A
Uncommitted AFE Pin 3.
P7
AFE 4
A
VCCM_ANA
N/A
Uncommitted AFE Pin 4.
R8
AFE 5
A
VCCM_ANA
N/A
Uncommitted AFE Pin 5.
P8
AFE 6
A
VCCM_ANA
N/A
Uncommitted AFE Pin 6.
R9
AFE 7
A
VCCM_ANA
N/A
Uncommitted AFE Pin 7.
P9
AFE 8
A
VCCM_ANA
N/A
Uncommitted AFE Pin 8.
P11
TIA_I
A
VCCM_ANA
N/A
Transimpedance Amplifier Input. Connect the
IV resistor to this pin.
R11
TIA_O
A
VCCM_ANA
N/A
Transimpedance Amplifier Output. Connect
the IV resistor to this pin.
R12
REF_EXCITE
A
VCCM_ANA
N/A
Gated Precision Reference Voltage.
Debug Interface
J1
TDO-SWO/P0.6/UTX
I/O
VCCM_DIG
Pull-up
JTAG Serial Data Output or Serial Wire Trace
Output/GPIO/UART_TX. This is a
multifunction pin.
J2
TDI/P0.7/URX
I/O
VCCM_DIG
Pull-up
JTAG Serial Data Input/GPIO/UART_RX. This is
a multifunction pin.
H1
TMS-SWDIO/P0.8
I/O
VCCM_DIG
Pull-up
JTAG Test Mode Select or Serial Wire
Data/GPIO. This is a multifunction pin.
H2
TCK-SWCLK/P0.9
I/O
VCCM_DIG
Pull-down
JTAG Test Clock or Serial Wire Clock/GPIO. This
is a multifunction pin.
R15
TRST
I
VCCM
N/A
Trace Reset.
M15
TRACECLK
O
VCCM
N/A
Trace Clock.
M14
TRACE0
O
VCCM
N/A
Trace Data 0.
N15
TRACE1
O
VCCM
N/A
Trace Data 1.
N14
TRACE2
O
VCCM
N/A
Trace Data 2.
P15
TRACE3
O
VCCM
N/A
Trace Data 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com