Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM350 Datasheet(PDF) 11 Page - Analog Devices

Part # ADUCM350
Description  16-Bit Precision, Low Power Meter On A
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM350 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADUCM350 Datasheet HTML 7Page - Analog Devices ADUCM350 Datasheet HTML 8Page - Analog Devices ADUCM350 Datasheet HTML 9Page - Analog Devices ADUCM350 Datasheet HTML 10Page - Analog Devices ADUCM350 Datasheet HTML 11Page - Analog Devices ADUCM350 Datasheet HTML 12Page - Analog Devices ADUCM350 Datasheet HTML 13Page - Analog Devices ADUCM350 Datasheet HTML 14Page - Analog Devices ADUCM350 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
ADuCM350
Data Sheet
Rev. A | Page 10 of 40
LCD, Charge Pump
Table 18. LCD, Charge Pump Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CAPACITANCE
Reservoir Capacitance Between
VLCDVDD and VLCD_GND
0.47
1
µF
Flying Capacitance
2.2
4.7
nF
Between VLCD FLY1 and VLCD FLY2
VLCD
Switching Voltage
VLCD FLY1
−0.7
VLCD + 0.2
V
Top of flying capacitor
VLCD FLY2
0
VCCM
V
Bottom of flying capacitor
VLCD Charge Pump Switching
Frequency
32
kHz
Minimum VLCD with Respect to
VCCM_ANA and VCCM_DIG
2.1
V
When <2.1 V after 62.5 ms elapses indicates
fault condition
VLCDVDD
VLCDVDD Voltage Range
2.4
3.65
V
5-bit programmable in steps of 40 mV
VLCDVDD Pin Leakage
3
nA
To VCCM
0.2
nA
To GND
VLCDVDD Start-Up Time
5
ms
VLCDVDD = 0 V to 3.6 V, reservoir = 1 µF,
flying capacitor = 2.2 nF (minimum) and
4.7 nF (maximum)
VLCDVDD Line Regulation
0.32
%
V_LCD_xx VOLTAGE RANGE
V_LCD_13 Voltage Range
VLCD ÷ 3 − 10
VLCD ÷ 3 + 10
mV
V_LCD_23 Voltage Range
2/3 VLCD − 13
2/3 VLCD + 13
mV
COMx PINS
DC Voltage Across Segment and
COMx Pins
50
mV
PIN OUTPUT IMPEDANCE
Segment
2000
Ω
Common
130
Ω
SYSTEM CLOCKS/TIMERS
The following tables document the system clock specifications in the ADuCM350.
Platform External Crystal Oscillator
Table 19. Platform External Crystal Oscillator Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOW FREQUENCY
CEXT1 = CEXT2
12
15
18
pF
External capacitor, C1 = C2 (symmetrical
load)
Frequency
32,768
Hz
HIGH FREQUENCY
CEXT1 = CEXT2
10
12
15
pF
External capacitor
Frequency
8 or 16
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com