Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM350 Datasheet(PDF) 31 Page - Analog Devices

Part # ADUCM350
Description  16-Bit Precision, Low Power Meter On A
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM350 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADUCM350 Datasheet HTML 27Page - Analog Devices ADUCM350 Datasheet HTML 28Page - Analog Devices ADUCM350 Datasheet HTML 29Page - Analog Devices ADUCM350 Datasheet HTML 30Page - Analog Devices ADUCM350 Datasheet HTML 31Page - Analog Devices ADUCM350 Datasheet HTML 32Page - Analog Devices ADUCM350 Datasheet HTML 33Page - Analog Devices ADUCM350 Datasheet HTML 34Page - Analog Devices ADUCM350 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
ADuCM350
Data Sheet
Rev. A | Page 30 of 40
ANALOG FRONT END
Figure 37. AFE System Block Diagram
For full details on the ADuCM350, refer to the UG-587
hardware reference manual.
The ADuCM350 is a high accuracy, configurable, AFE with a
low power, peripheral rich, microcontroller subsystem.
EXCITATION STAGE
The excitation/transmit stage consists of a 12-bit DAC with an
excitation buffer and an instrumentation amplifier in a feedback
path to the DAC, which forces an accurate voltage across the
impedance to be measured, thereby removing parasitics from
the measurement system.
All measurements are referenced to a precision external resistor,
which is used in the internal calibration loop to ensure no dc
bias across an unknown impedance.
A large range of impedances can be measured, depending on
the application. Users can optimize the calibration resistor
(RCAL), ac amplitude of the excitation waveform, and the
current-to-voltage (IV) resistor to tailor fit the system to the
application demands. Impedances can be measured from 80 Hz
to ~75 kHz.
The switch matrix offers the user full configurability with 34
user selectable switches. The current carrying switches on both
excitation buffer output and the transimpedance input are opti-
mally sized for current loads. The switch matrix allows the device
to measure and store offset and gain results. The ADuCM350
can self calibrate Rx offset and gain, Tx offset and gain, and
switch leakage. This off loads the requirement for an extensive
factory calibration routine and removes temperature and aging
induced errors from measurements.
RCAL 1
AFE 1
AFE 2
AFE 3
AFE 4
AFE 5
AFE 6
AFE 7
AFE 8
SWITCH
MATRIX
EXCITATION
AMPLIFIER
D
P
N
T
RCAL
RZ
X
Y
RCAL 2
ATTEN
1 OR 40
TEMP
SENS
VBIAS
TIA_I
RTIA
TIA_O
AN_A
AN_B
AN_C
AN_D
VCCM
DVDD
AVDD
LP RCF
50kHz
AAF
55kHz
GAIN
1 OR 1.5
ADC
MUX
12-BIT
DAC
GAIN AND
OFFSET
CAL
VREFDAC
326.53kSPS
160kSPS
16-BIT
ADC
GAIN AND
OFFSET
CAL
DFT
N = 2048
(12.8ms)
HANN
WINDOW
VREFADC
DAC CODE
(ARBITRARY)
178
RE
IM
SINC2HF
SINC2LF
50Hz/60Hz
REJECTION
SINE
GENERATION
TRAPEZOID
GENERATION
900SPS
900SPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com