Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuCM350BBCZ Datasheet(PDF) 38 Page - Analog Devices

Part # ADuCM350BBCZ
Description  16-Bit Precision, Low Power Meter On A
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM350BBCZ Datasheet(HTML) 38 Page - Analog Devices

Back Button ADuCM350BBCZ Datasheet HTML 33Page - Analog Devices ADuCM350BBCZ Datasheet HTML 34Page - Analog Devices ADuCM350BBCZ Datasheet HTML 35Page - Analog Devices ADuCM350BBCZ Datasheet HTML 36Page - Analog Devices ADuCM350BBCZ Datasheet HTML 37Page - Analog Devices ADuCM350BBCZ Datasheet HTML 38Page - Analog Devices ADuCM350BBCZ Datasheet HTML 39Page - Analog Devices ADuCM350BBCZ Datasheet HTML 40Page - Analog Devices ADuCM350BBCZ Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
Data Sheet
ADuCM350
Rev. A | Page 37 of 40
DEVELOPMENT SUPPORT
DOCUMENTATION
The ADuCM350 hardware reference manual details the
functionality of each block on the ADuCM350. It includes
power management, clocking, memories, peripherals, and the
AFE.
HARDWARE
The EVAL-ADuCM350EBZ evaluation kit is available to
prototype a user’s sensor configuration with the ADuCM350. A
selection of daughter cards are available to interrogate peripheral
performance, including CapTouch, PDI, LCD segment, beeper,
and I2S.
SOFTWARE
The EVAL-ADuCM350EBZ includes a complete development
and debug environment for the ADuCM350. The software
development kit (SDK) for the ADuCM350 uses the IAR
Embedded Workbench for ARM as its development
environment.
The SDK consists of full working AFE examples of power-up
sequences, calibration sequences, and measurement routines.
These AFE example routines are documented in the UG-587
hardware reference manual with supporting timing diagrams.
The SDK also includes operating system (OS) aware drivers and
example code for all the peripherals on the device, including
SPI, I2C, CapTouch, PDI, and so forth.
Also available in the support package is the ADuCM350 AFE
development GUI that operates from the National Instruments
LabVIEW® environment. This GUI allows the user to rapidly
prototype different sensors with the ADuCM350 AFE to evaluate
its high precision performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com