Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuCM350BBCZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADuCM350BBCZ
Description  16-Bit Precision, Low Power Meter On A
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM350BBCZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADuCM350BBCZ Datasheet HTML 5Page - Analog Devices ADuCM350BBCZ Datasheet HTML 6Page - Analog Devices ADuCM350BBCZ Datasheet HTML 7Page - Analog Devices ADuCM350BBCZ Datasheet HTML 8Page - Analog Devices ADuCM350BBCZ Datasheet HTML 9Page - Analog Devices ADuCM350BBCZ Datasheet HTML 10Page - Analog Devices ADuCM350BBCZ Datasheet HTML 11Page - Analog Devices ADuCM350BBCZ Datasheet HTML 12Page - Analog Devices ADuCM350BBCZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
ADuCM350
Data Sheet
Rev. A | Page 8 of 40
Flash/General-Purpose Flash
Table 12. Flash/General-Purpose Flash Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FLASH/GP FLASH
Endurance1
20,000
Cycles
Erase Time
20
ms
@ 1.8 V
Program Time
20
µs
@ 1.8 V
Data Retention2
100
Years
Below room temperature
1
Endurance is qualified to 10,000 cycles as per JEDEC Std. 22 Method A117 and measured at −40°C, +25°C, and +125°C. Typical endurance at 25°C is 170,000 cycles.
2
Retention lifetime equivalent at junction temperature (TJ) = 85°C as per JEDEC Std. 22 Method A117. Retention lifetime derates with junction temperature.
Digital Inputs/Outputs: Specified
Specified pin supply range from 2.5 V to 3.6 V.
Table 13. Digital Inputs and Outputs1 Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PIN SUPPLY
2.5
3
3.6
V
Impedance
Pull-Down
20
kΩ
ISINK < 10 µA
Pull-Up
15
kΩ
ISOURCE < 10 µA
Internal Pull-Up/Pull-Down Enabled Leakage2
200
µA
Digital I/O Leakage Current
.01
1
µA
Input Capacitance
10
pF
Input Voltage
Low (VINL)
0.3 × pin supply
V
High (VINH)
0.7 × pin supply
V
Output Voltage
Low (VOL)
0.4
V
ISINK = 1.0 mA
VOL High Drive
0.4
V
ISINK = 1.6 mA
High (VOH) 3
Pin supply − 0.4
V
ISOURCE = 1.0 mA
VOH High Drive
2.4
V
ISOURCE = 1.6 mA
1
Includes GPIO, debug, SPI, I2C, PDI, LCD, I2S, and beeper.
2
See Table 35 for details regarding bumps/pins that have pull-up resistors.
3
I2C does not drive out a high voltage; it uses external pull-up resistors.
Digital Inputs/Outputs: Functional
Functional pin supply range from 1.65 V to 2.5 V.
Table 14. Digital Inputs/Outputs: Functional Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PIN SUPPLY
1.65
2.5
V
Input Voltage
Low (VINL)
0.3 × pin supply
V
High (VINH)
0.7 × pin supply
V
Output Voltage
Low (VOL)
0.45
V
ISINK = 1.0 mA
High (VOH) 1
Pin supply − 0.5
V
ISOURCE = 1.0 mA
1
I2C does not drive out a high voltage; it uses external pull-up resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com