Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuCM350BBCZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADuCM350BBCZ
Description  16-Bit Precision, Low Power Meter On A
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM350BBCZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADuCM350BBCZ Datasheet HTML 16Page - Analog Devices ADuCM350BBCZ Datasheet HTML 17Page - Analog Devices ADuCM350BBCZ Datasheet HTML 18Page - Analog Devices ADuCM350BBCZ Datasheet HTML 19Page - Analog Devices ADuCM350BBCZ Datasheet HTML 20Page - Analog Devices ADuCM350BBCZ Datasheet HTML 21Page - Analog Devices ADuCM350BBCZ Datasheet HTML 22Page - Analog Devices ADuCM350BBCZ Datasheet HTML 23Page - Analog Devices ADuCM350BBCZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
Data Sheet
ADuCM350
Rev. A | Page 19 of 40
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 33.
Parameter
Rating
Supplies
VCCM_ANA, VCCM_DIG, VLCDVDD,
VDD_IO, VBACK to AGND_x/DGNDx
−0.3 V to +3.6 V
Decoupling
DVDD, AVDD_RX/TX, VBIAS, VREF, VUSB
−0.3 V to +2.0 V
Digital Input/Output
P0.x, P1.x, P2.x, P3.x, P4.x, BOOT, RESETX
−0.3 V to +3.6 V
TRACEx
−0.3 V to +3.6 V
Switch Matrix (RCAL 1, RCAL 2, AFE x)
−0.3 V to +3.6 V
TIA (TIA_I, TIA_O)
−0.3 V to +3.6 V
Analog Inputs (AN_x)
−0.3 V to +3.6 V
REF_EXCITE
−0.3 V to +1.98 V
VLCD FLY1, VLCD FLY2
−0.3 V to +3.6 V
V_LCD_13, V_LCD_23
−0.3 V to +3.6 V
VBUS to DGND
−0.3 V to +5.25 V
USB DM, USB DP to DGND
−0.3 V to +3.6 V
HF_XTALx, LF_XTALx
−0.3 V to +1.98 V
Analog Ground to Digital Ground
AGND CTOUCH, AGND_RX/TX, AGND_REF
to DGND, DGND1, DGND2, DGND USB
−0.3 V to +0.3 V
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages; assumes
use of a JEDEC 4-layer board.
Table 34. Thermal Resistance
Package Type
θJA
Unit
CSP_BGA
35
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com