Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuCM350BBCZ Datasheet(PDF) 27 Page - Analog Devices

Part # ADuCM350BBCZ
Description  16-Bit Precision, Low Power Meter On A
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM350BBCZ Datasheet(HTML) 27 Page - Analog Devices

Back Button ADuCM350BBCZ Datasheet HTML 23Page - Analog Devices ADuCM350BBCZ Datasheet HTML 24Page - Analog Devices ADuCM350BBCZ Datasheet HTML 25Page - Analog Devices ADuCM350BBCZ Datasheet HTML 26Page - Analog Devices ADuCM350BBCZ Datasheet HTML 27Page - Analog Devices ADuCM350BBCZ Datasheet HTML 28Page - Analog Devices ADuCM350BBCZ Datasheet HTML 29Page - Analog Devices ADuCM350BBCZ Datasheet HTML 30Page - Analog Devices ADuCM350BBCZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
ADuCM350
Data Sheet
Rev. A | Page 26 of 40
Figure 16. ADC TIA_O INL (16-Bit) vs. Code (±150 μA)
Figure 17. ADC ADC TIA_O DNL (16-Bit) vs. Code
Figure 18. ADC ADC TIA_O INL (16-Bit) vs. Code (Temperature)
Figure 19. ADC TIA_O DNL (16-Bit) vs. Code (Temperature)
Figure 20. ADC AN_A INL (16-Bit) vs. Code
Figure 21. ADC AN_A DNL (16-Bit) vs. Code
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
10200 15200 20200 25200 30200 35200 40200 45200 50200
CODE
VCCM = 3.6V
VCCM = 3.0V
VCCM = 2.4V
VCCM
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
10200 15200 20200 25200 30200 35200 40200 45200 50200
CODE
VCCM = 3.6V
VCCM = 3.0V
VCCM = 2.4V
VCCM
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
10000 15000 20000 25000 30000 35000 40000 45000 50000
CODE
50°C
25°C
0°C
VCCM = 3.0 V
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
10000 15000 20000 25000 30000 35000 40000 45000 50000
CODE
50°C
25°C
0°C
VCCM = 3.0 V
17500
22500
27500
32500
37500
42500
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
CODE
VCCM = 3.6V
VCCM = 3.0V
VCCM = 2.4V
VCCM
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
17500
22500
27500
32500
37500
42500
CODE
VCCM = 3.6V
VCCM = 3.0V
VCCM = 2.4V
VCCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com