Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuCM350BBCZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADuCM350BBCZ
Description  16-Bit Precision, Low Power Meter On A
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM350BBCZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADuCM350BBCZ Datasheet HTML 12Page - Analog Devices ADuCM350BBCZ Datasheet HTML 13Page - Analog Devices ADuCM350BBCZ Datasheet HTML 14Page - Analog Devices ADuCM350BBCZ Datasheet HTML 15Page - Analog Devices ADuCM350BBCZ Datasheet HTML 16Page - Analog Devices ADuCM350BBCZ Datasheet HTML 17Page - Analog Devices ADuCM350BBCZ Datasheet HTML 18Page - Analog Devices ADuCM350BBCZ Datasheet HTML 19Page - Analog Devices ADuCM350BBCZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
Data Sheet
ADuCM350
Rev. A | Page 15 of 40
I2S Timing Specifications
I2S timing is guaranteed by design and not production tested; timing specifications are given for a standard I2S data rate of 2.5 MHz; the
I2S bus is designed to operate up to 25 MHz.
Table 29. I2S Timing: Master Transmitter
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments1
I2S MASTER TRANSMITTER TIMING
SCLK Period
T
360
400
440
ns
Minimum Clock Period
TTR
360
ns
TTR is the minimum allowed clock
period for the transmitter, T > TTR
Clock High Period
tHC
160
ns
Minimum > 0.35 × T = 140 ns
Clock Low Period
tLC
160
ns
Minimum > 0.35 × T = 140 ns
Delay
tDTR
300
ns
Minimum < 0.80 × T = 320 ns
Data Hold Time
tHTR
100
ns
Minimum > 0 ns
Clock Rise Time
tRC
60
ns
Minimum > 0.15 × TTR = 54 ns (slave
mode only)
1 T refers to the typical value listed for the SCLK period; therefore, T = 400 ns in this case.
Table 30. I2S Timing: Slave Receiver
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments1
I2S SLAVE RECEIVER TIMING
SCLK Period
T
360
400
440
ns
TTR = 360 ns
Clock High Period
tHC
110
ns
Minimum < 0.35 × T = 126 ns
Clock Low Period
tLC
160
ns
Minimum < 0.35 × T = 126 ns
Data Setup Time
tSR
300
ns
Minimum < 0.20 × T = 72 ns
Data Hold Time
tHTR
100
ns
Minimum < 0 ns
1 T refers to the typical value listed for the SCLK period; therefore, T = 400 ns in this case.
Figure 3. I2S-Compatible Interface Transmitter Timing
SCLK
SD/WS
NOTES
1. SD = SERIAL DATA, WS = WORD SELECT, WS = 0: CHANNEL 1 (LEFT), WS = 1: CHANNEL 2 (RIGHT).
*
tRC IS ONLY RELEVANT FOR TRANSMITTERS IN SLAVE MODE.
tRC*
tHTR ≥ 0
tLC ≥ 0.35T
tHC ≥ 0.35T
VH = 2.0V
VL = 0.8V
T
tDTR ≤ 0.8T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com