Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuCM350BBCZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADuCM350BBCZ
Description  16-Bit Precision, Low Power Meter On A
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM350BBCZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADuCM350BBCZ Datasheet HTML 22Page - Analog Devices ADuCM350BBCZ Datasheet HTML 23Page - Analog Devices ADuCM350BBCZ Datasheet HTML 24Page - Analog Devices ADuCM350BBCZ Datasheet HTML 25Page - Analog Devices ADuCM350BBCZ Datasheet HTML 26Page - Analog Devices ADuCM350BBCZ Datasheet HTML 27Page - Analog Devices ADuCM350BBCZ Datasheet HTML 28Page - Analog Devices ADuCM350BBCZ Datasheet HTML 29Page - Analog Devices ADuCM350BBCZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
Data Sheet
ADuCM350
Rev. A | Page 25 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 10. ALDO Line Regulation
Figure 11. ALDO Load Regulation
Figure 12. VREF Line Regulation
Figure 13. VREF Load Regulation
Figure 14. REF_EXCITE Load Regulation
Figure 15. VBIAS Line Regulation
1.7980
1.7985
1.7990
1.7995
1.8000
1.8005
1.8010
2.50
2.75
3.00
3.25
3.50
VCCM (V)
10mA LOAD
1.790
1.795
1.800
1.805
1.810
–0.010
–0.008
–0.006
–0.004
–0.002
0
ALDO CURRENT (A)
1.80050
1.80055
1.80060
1.80065
1.80070
1.80075
1.80080
1.80085
1.80090
1.80095
1.80100
2.5
2.7
2.9
3.1
3.3
3.5
VCCM (V)
300µA LOAD ON VREF
1.8000
1.8001
1.8002
1.8003
1.8004
1.8005
1.8006
1.8007
1.8008
1.8009
1.8010
–0.0003
–0.0002
–0.0001
0
LOAD CURRENT (A)
VCCM = 3.6V
VCCM = 2.5V
1.792
1.794
1.796
1.798
1.800
1.802
1.804
–0.0003
–0.0002
–0.0001
0
REF_EXCITE LOAD CURRENT (A)
1.09990
1.09992
1.09994
1.09996
1.09998
1.10000
1.10002
1.10004
2.5
2.7
2.9
3.1
3.3
3.5
VCCM (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com