Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuCM350BBCZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADuCM350BBCZ
Description  16-Bit Precision, Low Power Meter On A
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM350BBCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADuCM350BBCZ Datasheet HTML 8Page - Analog Devices ADuCM350BBCZ Datasheet HTML 9Page - Analog Devices ADuCM350BBCZ Datasheet HTML 10Page - Analog Devices ADuCM350BBCZ Datasheet HTML 11Page - Analog Devices ADuCM350BBCZ Datasheet HTML 12Page - Analog Devices ADuCM350BBCZ Datasheet HTML 13Page - Analog Devices ADuCM350BBCZ Datasheet HTML 14Page - Analog Devices ADuCM350BBCZ Datasheet HTML 15Page - Analog Devices ADuCM350BBCZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Data Sheet
ADuCM350
Rev. A | Page 11 of 40
On-Chip RC Oscillators
Table 20. On-Chip RC Oscillators Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
HIGH FREQUENCY RC OSCILLATOR
Frequency
16
MHz
Accuracy
−5
+5
%
Start-Up Time
35
µs
LOW FREQUENCY RC OSCILLATOR
Frequency
32,768
Hz
Accuracy
−20
+20
%
Start-Up Time
980
µs
PLLs
Table 21. PLL Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SYSTEM PLL
Input Frequency
8
16
MHz
Output Frequency
16
32
MHz
Frequency Error
2500
ppm
RMS Jitter
92
ps
@ 32 MHz, external XTAL
USB PLL
Input Frequency
8
16
MHz
Output Frequency
16
60
MHz
16 MHz input
Frequency Error
2500
ppm
Period Jitter
68
ps
@ 60 MHz, external XTAL
Watchdog, Wake-Up, and General-Purpose Timers
Table 22. Watchdog, Wake-Up, and General-Purpose Timers Specifications
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
WATCHDOG TIMERS
Timeout Period
Shortest
0.03
ms
32,768 Hz clock, prescaler = 1
Longest
8191
sec
32,768 Hz clock, prescaler = 4096
WAKE-UP TIMERS
Timeout Period
Shortest
62.5
ns
16 MHz clock, prescaler = 1
Longest
136
Years
32,768 Hz clock, prescaler = 32,768
GENERAL-PURPOSE TIMER × 3
Timeout Period
Shortest
62.5
ns
16 MHz clock, prescaler = 1
Longest
65,535
sec
32,768 Hz clock, prescaler = 32,768
Timer Output PWM Frequency
1
16
MHz
1
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com